Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT101 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPT101
Description  MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT101 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPT101 Datasheet HTML 1Page - Burr-Brown (TI) OPT101 Datasheet HTML 2Page - Burr-Brown (TI) OPT101 Datasheet HTML 3Page - Burr-Brown (TI) OPT101 Datasheet HTML 4Page - Burr-Brown (TI) OPT101 Datasheet HTML 5Page - Burr-Brown (TI) OPT101 Datasheet HTML 6Page - Burr-Brown (TI) OPT101 Datasheet HTML 7Page - Burr-Brown (TI) OPT101 Datasheet HTML 8Page - Burr-Brown (TI) OPT101 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
®
OPT101
2
SPECIFICATIONS
At TA = +25°C, VS = +2.7V to +36V, λ = 650nm, internal 1MΩ feedback resistor, and RL = 10kΩ, unless otherwise noted.
PHOTODIODE SPECIFICATIONS
TA = +25°C, VS = +2.7V to +36V unless otherwise noted.
Photodiode of OPT101P
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Photodiode Area
(0.090 x 0.090in)
0.008
in2
(2.29 x 2.29mm)
5.2
mm2
Current Responsivity
650nm
0.45
A/W
650nm
865
µA/W/cm2
Dark Current
VDIODE = 7.5mV
2.5
pA
vs Temperature
doubles every 7
°C
Capacitance
1200
pF
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
OPT101P, W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESPONSIVITY
Photodiode Current
650nm
0.45
A/W
Voltage Output
650nm
0.45
V/
µW
vs Temperature
100
ppm/
°C
Unit to Unit Variation
650nm
±5%
Nonlinearity(1)
FS Output = 24V
±0.01
% of FS
Photodiode Area
(0.090 x 0.090in)
0.008
in2
(2.29 x 2.29mm)
5.2
mm2
DARK ERRORS, RTO(2)
Offset Voltage, Output
+5
+7.5
+10
mV
vs Temperature
±2.5
µV/°C
vs Power Supply
VS = +2.7V to +36V
10
100
µV/V
Voltage Noise, Dark, fB = 0.1Hz to 20kHz
VS = +15V, VPIN3 = –15V
300
µVrms
TRANSIMPEDANCE GAIN
Resistor
1M
Tolerance, P
±0.5
±2%
W
±0.5
%
vs Temperature
±50
ppm/
°C
FREQUENCY RESPONSE
Bandwidth
VOUT = 10Vp-p
14
kHz
Rise Fall Time, 10% to 90%
VOUT = 10V Step
28
µs
Settling Time, 0.05%
VOUT = 10V Step
160
µs
0.1%
80
µs
1%
70
µs
Overload Recovery
100%, Return to Linear Operation
50
µs
OUTPUT
Voltage Output, High
(VS) – 1.3
(VS) – 1.15
V
Capacitive Load, Stable Operation
10
nF
Short-Circuit Current
VS = 36V
15
mA
POWER SUPPLY
Operating Voltage Range
+2.7
+36
V
Quiescent Current
Dark, VPIN3 = 0V
120
240
µA
RL = ∞, VOUT = 10V
220
µA
TEMPERATURE RANGE
Specification
0
+70
°C
Operating
0
+70
°C
Storage
–25
+85
°C
Thermal Resistance,
θ
JA
100
°C/W
NOTES: (1) Deviation in percent of full scale from best-fit straight line. (2) Referred to Output. Includes all error sources.


Similar Part No. - OPT101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101 Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101 TI-OPT101 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPT101P BURR-BROWN-OPT101P Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101P TI-OPT101P Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPT101P-J BURR-BROWN-OPT101P-J Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
More results

Similar Description - OPT101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101_03 Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101PG4 TI-OPT101PG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPT211 BURR-BROWN-OPT211 Datasheet
116Kb / 9P
   MONOLITHIC PHOTODIODE AND AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Burr-Brown (TI)
OPT210 BURR-BROWN-OPT210 Datasheet
118Kb / 8P
   MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com