Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-7431 Datasheet(PDF) 2 Page - Level One

Part # SFP-7431
Description  155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1550/1310nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-7431 Datasheet(HTML) 2 Page - Level One

  SFP-7431 Datasheet HTML 1Page - Level One SFP-7431 Datasheet HTML 2Page - Level One SFP-7431 Datasheet HTML 3Page - Level One SFP-7431 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
System Specifications
Connectors and Cabling:
Simplex LC Connector, Single-mode fiber(SMF)
Wavelength(nm):
T 1550nm / R 1310nm
Transmit Power:
-8 ~ -3 dBm
Power Budget:
26 dB
Power:
Supply Voltage: 3.3V
Max Voltage/Current: 6V/300mA
Standards & Protocols:
IEEE 802.3ah 100BASE-BX10-D
SFP Multi-Sourcing Agreement(MSA)
Compliance with FDDI PMD Standard
Compliance with ATM Standard
Receive Sensitivity(dBm):
-34 dBm
Features
General:
Hot-swappable
Performance
Data Transfer Rate:
155Mbps Bi-directional data link
Operating Distance:
up to 40m (9/125?m)
Environment
Temperature (°C):
Operating: 0°C ~ 70°C
Storage: -40 ~ 85°C
Humidity (Non-condensing):
5 ~ 95%
Physical Specifications
Dimensions (W x D x H mm):
13.7 x 56.5 x 8.95 mm
Weight (g):
20g
Others
Approval and Compliance:
Class 1 eye safety and comply with EN 60825-1
CE, FCC, RoHS
www.level1.com
Page 2 of 4


Similar Part No. - SFP-7431

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-7421 LVL1-SFP-7421 Datasheet
255Kb / 4P
   155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1310/1550nm
More results

Similar Description - SFP-7431

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-7421 LVL1-SFP-7421 Datasheet
255Kb / 4P
   155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1310/1550nm
SFP-7331 LVL1-SFP-7331 Datasheet
420Kb / 3P
   155M SMF BIDI SFP Transceiver, 20km,T1550/R1310nm
logo
Finisar Corporation.
FTLX1772M3BCL FINISAR-FTLX1772M3BCL Datasheet
763Kb / 11P
   10Gb/s, 1310nm 40km, Single Mode, Multi-Rate SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD35-01 PULSE-SFPT-BD35-01 Datasheet
208Kb / 10P
   SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
logo
Level One
SFP-7321 LVL1-SFP-7321 Datasheet
317Kb / 4P
   155M SMF BIDI SFP Transceiver 20km T1310/R1550nm
SFP-9421 LVL1-SFP-9421 Datasheet
309Kb / 4P
   1.25G SMF BIDI SFP Transceiver 40km T1310/R1550nm
SFP-9431 LVL1-SFP-9431 Datasheet
315Kb / 4P
   1.25G SMF BIDI SFP Transceiver 40km T1550/R1310nm
logo
Optoway Technology Inc
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG OPTOWAY-SPM-9700MG Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com