Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT301M Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPT301M
Description  INTEGRATED PHOTODIODE AND AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT301M Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPT301M Datasheet HTML 3Page - Burr-Brown (TI) OPT301M Datasheet HTML 4Page - Burr-Brown (TI) OPT301M Datasheet HTML 5Page - Burr-Brown (TI) OPT301M Datasheet HTML 6Page - Burr-Brown (TI) OPT301M Datasheet HTML 7Page - Burr-Brown (TI) OPT301M Datasheet HTML 8Page - Burr-Brown (TI) OPT301M Datasheet HTML 9Page - Burr-Brown (TI) OPT301M Datasheet HTML 10Page - Burr-Brown (TI) OPT301M Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
OPT301
When used with very large feedback resistors, tiny leakage
currents on the circuit board can degrade the performance of
the OPT301. Careful circuit board design and clean assembly
procedures will help achieve best performance. A “guard
trace” on the circuit board can help minimize leakage to the
critical non-inverting input (pin 2). This guard ring should
encircle pin 2 and connect to Common, pin 8.
DYNAMIC RESPONSE
Using the internal 1M
Ω resistor, the dynamic response of
the photodiode/op amp combination can be modeled as a
simple R/C circuit with a –3dB cutoff frequency of 4kHz.
This yields a rise time of approximately 90
µs (10% to 90%).
Dynamic response is not limited by op amp slew rate. This
is demonstrated by the dynamic response oscilloscope
photographs showing virtually identical large-signal and
small-signal response.
Dynamic response will vary with feedback resistor value as
shown in the typical performance curve “Voltage Output
Responsivity vs Frequency.” Rise time (10% to 90%) will
vary according to the –3dB bandwidth produced by a given
feedback resistor value—
where:
t
R is the rise time (10% to 90%)
f
C is the –3dB bandwidth
LINEARITY PERFORMANCE
Current output of the photodiode is very linear with radiant
power throughout a wide range. Nonlinearity remains below
approximately 0.02% up to 100
µA photodiode current. The
photodiode can produce output currents of 1mA or greater
with high radiant power, but nonlinearity increases to several
percent in this region.
This excellent linearity at high radiant power assumes that
the full photodiode area is uniformly illuminated. If the light
source is focused to a small area of the photodiode,
nonlinearity will occur at lower radiant power.
NOISE PERFORMANCE
Noise performance of the OPT301 is determined by the op
amp characteristics in conjunction with the feedback
components and photodiode capacitance. The typical
performance curve “Output Noise Voltage vs Measurement
Bandwidth” shows how the noise varies with R
F and measured
bandwidth (1Hz to the indicated frequency). The signal
bandwidth of the OPT301 is indicated on the curves. Noise
can be reduced by filtering the output with a cutoff frequency
equal to the signal bandwidth.
Output noise increases in proportion to the square-root of the
feedback resistance, while responsivity increases linearly
with feedback resistance. So best signal-to-noise ratio is
achieved with large feedback resistance. This comes with
the trade-off of decreased bandwidth.
The noise performance of a photodetector is sometimes
characterized by Noise Effective Power (NEP). This is the
radiant power which would produce an output signal equal
to the noise level. NEP has the units of radiant power
(watts). The typical performance curve “Noise Effective
Power vs Measurement Bandwidth” shows how NEP varies
with R
F and measurement bandwidth.
t
R
≈ 0. 35
f
C
(1)
FIGURE 3. Dark Error (Offset) Adjustment Circuit.
1M
OPT301
40pF
75
2
83
5
4
1
V
O
V–
λ
V+
0.01µF
500
V+
V–
100µA
1/2 REF200
100
100
100µA
1/2 REF200
Adjust dark output for 0V.
Trim Range: ±7mV
FIGURE 4. Responsivity (Gain) Adjustment Circuit.
1M
OPT301
40pF
75
2
83
5
4
1
V
O
V–
λ
V+
10k
5k
Gain Adjustment
+50%; –0%
R
F


Similar Part No. - OPT301M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Similar Description - OPT301M

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
logo
Sipex Corporation
SP8036 SIPEX-SP8036 Datasheet
245Kb / 6P
   APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Burr-Brown (TI)
OPT211 BURR-BROWN-OPT211 Datasheet
116Kb / 9P
   MONOLITHIC PHOTODIODE AND AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
Sipex Corporation
SP8034A SIPEX-SP8034A Datasheet
68Kb / 6P
   250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Hamamatsu Corporation
S9269 HAMAMATSU-S9269 Datasheet
114Kb / 3P
   Photodiode and preamp integrated with feedback resistance and capacitance
S8745-01 HAMAMATSU-S8745-01 Datasheet
117Kb / 5P
   Photodiode and preamp integrated with feedback resistance and capacitance
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101_03 Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com