Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0553A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0553A
Description  SAW Resonator 423.22 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0553A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0553A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0553A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0553A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0553A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0553A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.OUTLINE DRAWING:


Similar Part No. - TC0553A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0552A TAI-SAW-TC0552A Datasheet
406Kb / 6P
   SAW Resonator 461.044 MHz
TC0554A TAI-SAW-TC0554A Datasheet
399Kb / 6P
   SAW Resonator 433.72 MHz
TC0556A TAI-SAW-TC0556A Datasheet
413Kb / 6P
   SAW Resonator 1033.333 MHz
More results

Similar Description - TC0553A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3102 MURATA-RO3102 Datasheet
191Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102 RFM-RO2102 Datasheet
146Kb / 2P
   423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0149E TAI-SAW-TC0149E Datasheet
744Kb / 4P
   SAW Resonator 423.22 MHz
logo
Murata Manufacturing Co...
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102A RFM-RO2102A Datasheet
169Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
   423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com