Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF0036A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0036A
Description  CDMA800 SAW Duplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0036A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TF0036A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0036A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0036A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0036A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0036A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0036A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0036A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0036A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
: Year Code (2010->A, 2011->B…, 2016->G)
: Month Code (Jan->1, Feb->2,…,Oct->A,…,Dec->C)
D. MEASUREMENT CIRCUIT:
Pin Description
A, C, D, E, F, G, I, J, L
Ground
H
Rx Port (881.5MHz)
K
Antenna
B
Tx Port (836.5MHz)
B
P


Similar Part No. - TF0036A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF003200AV-SW TRANSKO-TF003200AV-SW Datasheet
1Mb / 4P
   32MHz IF SAW Filter
Rev. 0: Feb. 2023
logo
TAI-SAW TECHNOLOGY CO.,...
TF0035A TAI-SAW-TF0035A Datasheet
1Mb / 8P
   CDMA800 SAW Duplexer
More results

Similar Description - TF0036A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0035A TAI-SAW-TF0035A Datasheet
1Mb / 8P
   CDMA800 SAW Duplexer
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com