Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF0049A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0049A
Description  902.5/947.5MHz SAW Duplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0049A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TF0049A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0049A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0049A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0049A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0049A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0049A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0049A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0049A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image


Similar Part No. - TF0049A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF003200AV-SW TRANSKO-TF003200AV-SW Datasheet
1Mb / 4P
   32MHz IF SAW Filter
Rev. 0: Feb. 2023
logo
TAI-SAW TECHNOLOGY CO.,...
TF0035A TAI-SAW-TF0035A Datasheet
1Mb / 8P
   CDMA800 SAW Duplexer
TF0036A TAI-SAW-TF0036A Datasheet
1Mb / 8P
   CDMA800 SAW Duplexer
logo
Allen-Bradley
TF006 ALLEN-BRADLEY-TF006 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Transko Electronics, In...
TF006000BV-IT TRANSKO-TF006000BV-IT Datasheet
1Mb / 3P
   IF Bandpass Filter
Rev. 0: Mar. 2023
More results

Similar Description - TF0049A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01417 GOLLEDGE-MP01417 Datasheet
456Kb / 5P
   SAW Filter 947.5MHz
MA09934 GOLLEDGE-MA09934 Datasheet
199Kb / 7P
   SAW Filter 947.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0992A TAI-SAW-TA0992A Datasheet
394Kb / 7P
   SAW Filter 902.5 MHz
TA0747B TAI-SAW-TA0747B Datasheet
995Kb / 7P
   SAW Filter 902.5 MHz
TA0992B TAI-SAW-TA0992B Datasheet
324Kb / 7P
   SAW Filter 902.5 MHz
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA0373A TAI-SAW-TA0373A Datasheet
465Kb / 6P
   SAW Filter 947.5MHz SMD 3.0횞3.0mm
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
   SMD 902.5 MHz SAW FILTER
11.15.06
logo
Oscilent Corporation
802-RF902.5M-B OSCILENT-802-RF902.5M-B Datasheet
177Kb / 2P
   902.5 MHz RF SAW Filter
logo
Abracon Corporation
AFS947.5W01-TS4 ABRACON-AFS947.5W01-TS4 Datasheet
1Mb / 3P
   SMD 947.5MHz SAW F ilter
11.08.13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com