Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS0005A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TS0005A
Description  SMD 5.0x7.0 LVPECL SAW OSCILLATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TS0005A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TS0005A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TS0005A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TS0005A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TS0005A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TS0005A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TS0005A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TS0005A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Marking:
Line 1: TST P/N (TS0005A)
Line 2: TST Logo + SO Product Code + Date Code
Product Code Table:
Date Code Table:
Pin
Connection
A
OE
B
N.C.
C
GND
D
OUT
E
OUT
F
Vcc
WK01 WK02 WK03 WK04 WK05 WK06 WK07 WK08 WK09 WK10 WK11 WK12 WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14 WK15 WK16 WK17 WK18 WK19 WK20 WK21 WK22 WK23 WK24 WK25 WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27 WK28 WK29 WK30 WK31 WK32 WK33 WK34 WK35 WK36 WK37 WK38 WK39
ab
c
d
e
f
g
h
i
j
k
l
m
WK40 WK41 WK42 WK43 WK44 WK45 WK46 WK47 WK48 WK49 WK50 WK51 WK52
n
opq
r
s
t
u
v
w
x
y
z
2009
2010
2011
2012
2013
2014
2015
2016
S
s
Year
Product Code
S
s
0 0 5
△ □


Similar Part No. - TS0005A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0007A TAI-SAW-TS0007A Datasheet
276Kb / 6P
   SMD 5.0x7.0 Remote Control SAW OSCILLATOR
TS0008A TAI-SAW-TS0008A Datasheet
276Kb / 6P
   SMD 5.0x7.0 Remote Control SAW OSCILLATOR
More results

Similar Description - TS0005A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0012A TAI-SAW-TS0012A Datasheet
376Kb / 7P
   SMD 5.0x7.0 LVPECL SAW OSCILLATOR
TS0008A TAI-SAW-TS0008A Datasheet
276Kb / 6P
   SMD 5.0x7.0 Remote Control SAW OSCILLATOR
TS0007A TAI-SAW-TS0007A Datasheet
276Kb / 6P
   SMD 5.0x7.0 Remote Control SAW OSCILLATOR
TS0019A TAI-SAW-TS0019A Datasheet
404Kb / 7P
   SMD 7.0x5.0 LVPECL SAW OSCILLATOR
logo
Advanced Crystal Techno...
ACTMPX11-6 ACT-ACTMPX11-6 Datasheet
163Kb / 3P
   LVPECL Saw Oscillator
26/07/05
logo
TAI-SAW TECHNOLOGY CO.,...
TB0208A TAI-SAW-TB0208A Datasheet
371Kb / 6P
   SAW Filter 243 MHz SMD 5.0x7.0 mm
TB0484A TAI-SAW-TB0484A Datasheet
249Kb / 7P
   SAW Filter 169.2 MHz SMD 5.0X7.0 mm
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
   SAW Filter 246 MHz SMD 5.0x7.0 mm
TB0217A TAI-SAW-TB0217A Datasheet
246Kb / 5P
   SAW Filter 140 MHz SMD 5.0x7.0 mm
TB0483A TAI-SAW-TB0483A Datasheet
250Kb / 7P
   SAW Filter 165.45 MHz SMD 5.0X7.0 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com