Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE184 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # ACE184
Description  12Vdc distributed power architectures Mid-End Blade Network Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE184 Datasheet(HTML) 1 Page - Lineage Power Corporation

  ACE184 Datasheet HTML 1Page - Lineage Power Corporation ACE184 Datasheet HTML 2Page - Lineage Power Corporation ACE184 Datasheet HTML 3Page - Lineage Power Corporation ACE184 Datasheet HTML 4Page - Lineage Power Corporation ACE184 Datasheet HTML 5Page - Lineage Power Corporation ACE184 Datasheet HTML 6Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GE Energy
Preliminary Data Sheet
October 29, 2012
©2012 General Electric Company. All rights reserved.
ACE184 Series Power Shelf
Main Output: 600A; Standby output: 8A
Features
Fits in a 19” wide rack system
Designed for ETS300 rack mounting.
Supported by a retracted side ‘runner’
1U high
Accommodates hot swap capability
Accepts up to 4 modules
Proved in with the CAR1812 and CAR1612
rectifiers
Active current sharing
Hot insertion/removal (hot plug)
UL, CSA and VDE certified
EMI: class A FCC docket 20780 part 15, EN55022
System meets EN6100 immunity and transient
standards
Shock & vibration: IPC-9592A, Class II
Applications
12Vdc distributed power architectures
Mid-End Servers
Blade Servers
Network Equipment
Network Attached Storage
Storage Area Networks
Routers/Switches
Enterprise Networks
Advanced workstations
Description
The ACE184 series of Power Shelves are designed for the Datacom and Server market segments. These shelves are
designed to minimize installation and maintenance time with easy access warm-swap insertion, accommodating, up
to 4 modules, rectifiers or converters, with output voltages as high as 60Vdc, in a 19” wide enclosure compliant to
ETS300 rack mounting standards. All the necessary interfacing for output and signaling needs are provided. The
signaling pins of each module are separately brought out for maximum flexibility.


Similar Part No. - ACE184

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE18010M04N ACE-ACE18010M04N Datasheet
703Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
ACE18205S ACE-ACE18205S Datasheet
186Kb / 2P
   Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE1820B ACE-ACE1820B Datasheet
968Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1851WM++ ACE-ACE1851WM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE18812B ACE-ACE18812B Datasheet
758Kb / 7P
   Common Drain N-Channel Enhancement Mode Power MOSFET with ESD Protection
VER 1.1
More results

Similar Description - ACE184

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
logo
Fairchild Semiconductor
FDMS9409_F085 FAIRCHILD-FDMS9409_F085 Datasheet
419Kb / 6P
   Distributed Power Architectures and VRM
FDMS9410_F085 FAIRCHILD-FDMS9410_F085 Datasheet
429Kb / 6P
   Distributed Power Architectures and VRM
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
   Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
DPF600 ARTESYN-DPF600 Datasheet
65Kb / 2P
   Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com