Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR0812DC Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # CAR0812DC
Description  Reverse input voltage protection Remote ON/OFF control of the 12VDC output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR0812DC Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button CAR0812DC Datasheet HTML 5Page - Lineage Power Corporation CAR0812DC Datasheet HTML 6Page - Lineage Power Corporation CAR0812DC Datasheet HTML 7Page - Lineage Power Corporation CAR0812DC Datasheet HTML 8Page - Lineage Power Corporation CAR0812DC Datasheet HTML 9Page - Lineage Power Corporation CAR0812DC Datasheet HTML 10Page - Lineage Power Corporation CAR0812DC Datasheet HTML 11Page - Lineage Power Corporation CAR0812DC Datasheet HTML 12Page - Lineage Power Corporation CAR0812DC Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
GE
Data Sheet
CAR0812DC Series DC-DC Converter
Input: -36VDC to -75VDC; Output: +12 VDC @ 850W; 3.3VDC or 5 VDC @ 1A
April 23, 2013
©2013 General Electric Company. All rights reserved.
Page 9
Control and Status
Control hierarchy: Some features, such as output voltage,
can be controlled both through hardware and firmware. For
example, the output voltage is controlled both by the signal pin
(Vprog) and the PMBus command, (Vout_command) .
Using output voltage as an example; the Vprog signal pin has
ultimate control of the output voltage until the Vprog is either >
3Vdc or a no connect. When the programming signal via Vprog
is either a no connect or > 3Vdc, it is ignored, the output
voltage is set at its nominal 12Vdc and the unit output voltage
can be controlled via the PMBus command, (Vout_command).
Analog controls: Details of analog controls are provided in
this data sheet under Signal Definitions.
Common ground: All signals and outputs are referenced to
Output return. These include ‘Vstb return’ and ‘Signal return’.
Control Signals
Voltage programming (Vprog): An analog voltage on this
signal can vary the output voltage ± 10% of nominal, from
10.8VDC to 13.2VDC. The equation of this signal is:
VOUT = 10.8  (Vprog * 0.96) where Vprog = 0 to 2.5VDC
Between 2.5 and 3V the output stays at 13.2VDC. If Vprog is >
3V, or left open, the programming signal is ignored and the
unit output is set at the setpoint of 12VDC.
Load share (Ishare): This is a single wire analog signal that is
generated and acted upon automatically by power supplies
connected in parallel. The Ishare pins should be tied together
for power supplies if active current share among the power
supplies is desired. No resistors or capacitors should get
connected to this pin.
Remote_ON/OFF: Controls presence of the 12VDC output
voltage. A logic LO on this signal pin turns OFF the 12VDC
output.
Enable: This is a short signal pin that controls the presence of
the 12Vdc main output. This pin should be connected to
‘output return’ on the system side of the output connector. The
purpose of this pin is to ensure that the output turns ON after
engagement of the power blades and turns OFF prior to
disengagement of the power blades.
Write protect (WP): This signal protects the contents of the
EEPROM from accidental over writing. When left open the
EEPROM is write protected. A LO (TTL compatible) permits
writing to the EEPROM. This signal is pulled HI internally by the
power supply.
Status Signals
Output current monitor (Imon): A voltage level proportional to
the delivered output current is present on this pin. The signal
level is 0.04V per amp ± 0.25V.
Input_OK: A TTL compatible status signal representing
whether the input voltage is within the anticipated range. This
signal needs to be pulled HI externally through a resistor.
DC_OK: A TTL compatible status signal representing whether
the output voltage is present. This signal needs to be pulled HI
externally through a resistor.
Over_temp_warning: A TTL compatible status signal
representing whether an over temperature exists. This signal
needs to be pulled HI externally through a resistor.
If an over temperature should occur, this signal would pull LO
for approximately 10 seconds prior to shutting down the
power supply. The unit would restart if internal temperatures
recover within normal operational levels. At that time the
signal reverts back to its open collector (HI) state.
Fault: A TTL compatible status signal representing whether a
Fault occurred. This signal needs to be pulled HI externally
through a resistor.
This signal activates for OTP, OVP, OCP, INPUT fault or No
output.
PS_Present: This pin is connected to ‘output return’ within the
power supply. Its intent is to indicate to the system that a
power supply is present. This signal may need to be pulled HI
externally through a resistor.
Interrupt (SMBAlert): A TTL compatible status signal,
representing the SMBusAlert# feature of the PMBus compatible
i2C protocol in the power supply. This signal needs to be pulled
HI externally through a resistor.
Serial Bus Communications
The I²C interface facilitates the monitoring and control of
various operating parameters within the unit and transmits
these on demand over an industry standard I²C Serial bus.
All signals are referenced to ‘Signal Return’.
Device addressing: The microcontroller (MCU) and the EEPROM
have the following addresses:
Device
Address
Address Bit Assignments
(Most to Least Significant)
MCU
0xBx
1
0
1
1
A2
A1
A0
R/W
Broadcast
0x00
0
0
0
0
0
0
0
0
EEPROM
0xAx
1
0
1
0
A2
A1
A0
R/W
The Global Broadcast instruction executes a simultaneous
write instruction to all power supplies. A read instruction
cannot be accessed globally. The three programmable address
bits are the same for all I2C accessible devices within the
power supply.
Address lines (A2, A1, A0): These signal pins allow up to eight
(8) modules to be addressed on a single I²C bus. The pins are
pulled HI internal to the power supply. For a logic LO these pins
should be connected to ‘Output Return’
Serial Clock (SCL): The clock pulses on this line are generated
by the host that initiates communications across the I²C Serial
bus. This signal is pulled up internally to 3.3V by a 10kΩ
resistor. The end user should add additional pull up resistance
as necessary to ensure that rise and fall time timing and the
maximum sink current is in compliance to the I²C
specifications.


Similar Part No. - CAR0812DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
   End-to-End Embedded Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

Similar Description - CAR0812DC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-350QB DELTA-DPS-350QB Datasheet
360Kb / 1P
   Remote On/Off
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
List of Unclassifed Man...
LPT60 ETC1-LPT60 Datasheet
857Kb / 2P
   Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
Ceramate Technical
CP8223R CERAMATE-CP8223R Datasheet
119Kb / 8P
   CP8223R IC is the control IC of remote emitter, built-in ON/OFF, SPEED, TIME, RHY/SLP, OSC 5keys
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com