Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR0812DCXXXZ01A Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # CAR0812DCXXXZ01A
Description  Reverse input voltage protection Remote ON/OFF control of the 12VDC output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR0812DCXXXZ01A Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button CAR0812DCXXXZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR0812DCXXXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR0812DCXXXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR0812DCXXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR0812DCXXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR0812DCXXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR0812DCXXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR0812DCXXXZ01A Datasheet HTML 9Page - Lineage Power Corporation CAR0812DCXXXZ01A Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GE
Data Sheet
CAR0812DC Series DC-DC Converter
Input: -36VDC to -75VDC; Output: +12 VDC @ 850W; 3.3VDC or 5 VDC @ 1A
April 23, 2013
©2013 General Electric Company. All rights reserved.
Page 6
Environmental Specifications
Parameter
Min
Typ
Max
Units
Notes
Ambient Temperature
-105
70
°C
Derated above 50C
Storage Temperature
-40
85
°C
Operating Altitude
2250/7382
m/ft
Non-operating Altitude
8200/30k
m / ft
Power Derating with Temperature
2.5
%/°C
50C to 70C
Power Derating with Altitude
2.0
C/301 m
C/1000 ft
Above 2250 m/7382 ft
Acoustic noise
55
dbA
Full load
Over Temperature Protection
125/110
°C
Shutdown / restart
Humidity
Operating
Storage
30
10
95
95
%
Relative humidity, non-condensing
Shock and Vibration acceleration
7.7
Grms
NEBS GR-63-CORE, Level 3, 20 -
2000Hz, min 30 minutes
Earthquake Rating
4
Zone
NEBS GR-63-CORE, all floors, Seismic
Zone 4 Designed and tested to meet
NEBS specifications.
EMC Compliance
Parameter
Criteria
Standard
Level
Test
DC input
Conducted emissions
EN55022, FCC Docket 20780 part 15,
subpart J
B
0.15 – 30MHz
Radiated emissions6
EN55022
B
30 – 10000MHz
DC Input Immunity
Fast transients
EN61000-4-4
B
5/50ns, 1kV
Enclosure immunity
Conducted RF fields
EN61000-4-6
A
130dBµV, 0.15-80MHz, 80%
AM
Radiated RF fields
EN61000-4-3
A
10V/m, 80-1000MHz, 80%
AM
ESD
EN61000-4-2
B
4kV contact, 8kV air
5
Designed to start at an ambient down to -40°C; meet spec after  30 min warm up period, may not meet operational limits below -10°C.
6
Radiated emissions compliance is contingent upon the final system configuration.


Similar Part No. - CAR0812DCXXXZ01A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
   End-to-End Embedded Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

Similar Description - CAR0812DCXXXZ01A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-350QB DELTA-DPS-350QB Datasheet
360Kb / 1P
   Remote On/Off
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
List of Unclassifed Man...
LPT60 ETC1-LPT60 Datasheet
857Kb / 2P
   Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
Ceramate Technical
CP8223R CERAMATE-CP8223R Datasheet
119Kb / 8P
   CP8223R IC is the control IC of remote emitter, built-in ON/OFF, SPEED, TIME, RHY/SLP, OSC 5keys
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com