Electronic Components Datasheet Search |
|
SMAJ58 Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd. |
|
SMAJ58 Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd. |
5 / 7 page Surface Mount Transient Voltage Suppressors (TVS) Revision September 25, 2013 5 / 7 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SMAJ Series 5.0 To 440 V 400W SOCAY Electronics Co., Ltd. www.socay.com Temperature Cycle JESD22-A104 Weight 0.002 ounce, 0.061 gram Pressure Cooker JESD22-A102 Case JEDEC DO-214AC Molded Plastic over glass passivated junction High Temp. Storage JESD22-A103 Polarity Color band denotes cathode except Bipolar HTRB JESD22-A108 Terminal Matte Tin-plated leads, Solderable per JESD22-B102D Thermal Shock JESD22-A106 Reflow Condition Lead –free assembly -Temperature Min (Ts(min)) 150 °C -Temperature Max (Ts(max)) 200 °C Pre Heat - Time (min to max) (ts) 60 -180 Seconds Average ramp up rate ( Liquidus Temp TL) to peak 3 °C/second max TS(max) to TL - Ramp-up Rate 3 °C/second max - Temperature (TL) (Liquidus) 217 °C Reflow - Time (min to max) (ts) 60 -150 Seconds Peak Temperature (TP) 260 +0/-5 °C Time within 5 °C of actual peak Temperature (tp) 20 -40 Seconds Ramp-down Rate 6 °C/second max Time 25 °C to peak Temperature (T P) 8 minutes Max Do not exceed 280 °C Ramp-down Preheat Critical Zone TL to TP Time to peak temperature (t 25℃ to peak) TP TL TS(max) TS(min) 25 Ramp-up Time I-V Curve Characteristics Physical Specifications Environmental Specifications Soldering Parameters |
Similar Part No. - SMAJ58 |
|
Similar Description - SMAJ58 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |