Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS251N Datasheet(PDF) 4 Page - Motorola, Inc

Part # SN74LS251N
Description  8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS251N Datasheet(HTML) 4 Page - Motorola, Inc

  SN74LS251N Datasheet HTML 1Page - Motorola, Inc SN74LS251N Datasheet HTML 2Page - Motorola, Inc SN74LS251N Datasheet HTML 3Page - Motorola, Inc SN74LS251N Datasheet HTML 4Page - Motorola, Inc SN74LS251N Datasheet HTML 5Page - Motorola, Inc SN74LS251N Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3-STATE AC WAVEFORMS
1.3 V
1.3 V
1.3 V
1.3 V
VIN
VOUT
tPLH
tPHL
1.3 V
1.3 V
VIN
VOUT
SW2
CL*
5 kΩ
SW1
VCC
RL
TO OUTPUT
UNDER TEST
1.3 V
tPHL
tPLH
1.3 V
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
SWITCH POSITIONS
1.3 V
1.3 V
1.3 V
VE
VOUT
VE
VOUT
tPHZ
1.3 V
1.3 V
tPZL
tPLZ
VOL
1.3 V
≥ VOH
0.5 V
tPZH
* Includes Jig and Probe Capacitance.
AC LOAD CIRCUIT
≈ 1.3 V
0.5 V
≈ 1.3 V
0.5 V
5-413
FAST AND LS TTL DATA
SN54/74LS251
SYMBOL
SW1
SW2
tPZH
Open
Closed
tPZL
Closed
Open
tPLZ
Closed
Closed
tPHZ
Closed
Closed


Similar Part No. - SN74LS251N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS251N ONSEMI-SN74LS251N Datasheet
125Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS251N TI-SN74LS251N Datasheet
312Kb / 9P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LS251N TI-SN74LS251N Datasheet
1Mb / 22P
[Old version datasheet]   DATA SELESTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LS251N TI1-SN74LS251N Datasheet
1Mb / 22P
[Old version datasheet]   DATA SELECTOR/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LS251N3 TI-SN74LS251N3 Datasheet
1Mb / 22P
[Old version datasheet]   DATA SELESTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LS251N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A_00 Datasheet
81Kb / 7P
   8-Input Multiplexer with 3-STATE Outputs
74F251A FAIRCHILD-74F251A Datasheet
58Kb / 6P
   8-Input Multiplexer with 3-STATE Outputs
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
Integral Corp.
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com