Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC100BG Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VFC100BG
Description  Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VFC100BG Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button VFC100BG Datasheet HTML 5Page - Burr-Brown (TI) VFC100BG Datasheet HTML 6Page - Burr-Brown (TI) VFC100BG Datasheet HTML 7Page - Burr-Brown (TI) VFC100BG Datasheet HTML 8Page - Burr-Brown (TI) VFC100BG Datasheet HTML 9Page - Burr-Brown (TI) VFC100BG Datasheet HTML 10Page - Burr-Brown (TI) VFC100BG Datasheet HTML 11Page - Burr-Brown (TI) VFC100BG Datasheet HTML 12Page - Burr-Brown (TI) VFC100BG Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
®
VFC100
9
R
IN
Clocked
Logic
Output
One-Shot
54
14
10
7
6
Clock
15
1
+V
CC
11
12
9
8
13
5V
Reference
16
0.1µF
+15VDC
0.1µF
–V
CC
f
OUT
±3.75mV
Offset Trim
+V
L
500
C
INT
2M
R
2
R
1
V
IN
±1% Gain Trim
20k
R
3
500
R
4
R
5
350k
–15VDC
0.1µF
+15VDC
–V
CC
FIGURE 9. Circuit Diagram for Fine Offset and Gain Trim.
0.03
0.02
0.01
0
3
2
1
0
0
500k
1M
f
– Full Scale Frequency (Hz)
FS
Gain Error
Nonlinearity
FIGURE 10. Typical Nonlinearity and Gain Error vs Full
Scale Frequency.
V
(V)
IN
0.015
0.01
0.005
0
–0.005
0
2468
10
FIGURE 11. Typical Nonlinearity vs VIN. (fFS = 0.1MHz)
at higher operating frequency. The VFC100’s gain drift
remains excellent at higher operating frequency, typically
remaining within specifications at fFS = 1MHz.
Drift of the external clock frequency directly affects the
output frequency, but by using a common clock for the VFC
and counting circuitry, this drift can be cancelled (see
“Counting the Output”).
POWER SUPPLIES AND GROUNDING
Separate analog and digital grounds are provided on the
VFC100 and it is important to separate these grounds to
attain greatest accuracy. Logic sink current flowing in the
fOUT pin is returned to the digital ground. If this “noisy”
current were allowed to flow in analog ground, errors could
be created. Although analog and digital grounds may even-
tually be connected together at a common point in the
circuitry, separate circuit connections to this common point
can reduce the error voltages created by varying currents
flowing through the ground return impedance. The +5V
VREF pin is referenced to analog ground.
The power supplies should be well bypassed using capaci-
tors with low impedance at high frequency. A value of 0.1
µF
is adequate for most circuit layouts.
The VFC100 is specified for a nominal supply voltage of
±15V. Supply voltages ranging from ±7.5V to ±18V may be
used. Either supply can be up to 28V as long as the total of
both does not exceed 36V. Steps must be taken, however, to
assure that the integrator output does not exceed its linear
range. Although the integrator output is capable of 12V
output swing with 15V power supplies, with 7.5V supplies,
output swing will be limited to approximately 4.5V. In this
case, the comparator input cannot be offset by directly
connecting to the 5V reference output pin. The comparator
input must be connected to a lower voltage point (approxi-
mately 2V). This allows the integrator output to operate
around a lower voltage point, assuring linear operation. This
threshold voltage does not affect the accuracy or drift of the
VFC as long as it is not noisy. It should not be made too


Similar Part No. - VFC100BG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC100BG1 TI1-VFC100BG1 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC100BG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC100 TI1-VFC100_00 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Burr-Brown (TI)
VFC101 BURR-BROWN-VFC101 Datasheet
136Kb / 10P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com