Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC110SG Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VFC110SG
Description  High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VFC110SG Datasheet(HTML) 5 Page - Burr-Brown (TI)

  VFC110SG Datasheet HTML 1Page - Burr-Brown (TI) VFC110SG Datasheet HTML 2Page - Burr-Brown (TI) VFC110SG Datasheet HTML 3Page - Burr-Brown (TI) VFC110SG Datasheet HTML 4Page - Burr-Brown (TI) VFC110SG Datasheet HTML 5Page - Burr-Brown (TI) VFC110SG Datasheet HTML 6Page - Burr-Brown (TI) VFC110SG Datasheet HTML 7Page - Burr-Brown (TI) VFC110SG Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
®
VFC110
NONLINEARITY vs FULL SCALE FREQUENCY
10
Full Scale Frequency (Hz)
1
0.1
0.01
0.001
4
10
5
10
6
10
7
NONLINEARITY vs INPUT VOLTAGE
0
Input Voltage (V)
0.02
0.01
0
–0.01
–0.02
123456789
10
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
f
FS = 4MHz
f
FS = 1MHz
OPERATION
Figure 1 shows the connections required for operation at a
full-scale output frequency of 4MHz. Only power supply
bypass capacitors and an output pull-up resistor, RPU, are
required for this mode of operation. A 0V to 10V input
voltage produces a 0Hz to 4MHz output frequency. The
internal input resistor, one-shot and integrator capacitors set
the full-scale output frequency. The input is applied to the
summing junction of the integrator amplifier through the
25k
Ω internal input resistor. Pin 14 (the non-inverting ampli-
fier input) should be referred directly to the negative side of
VIN. The common-mode range of the integrating amplifier is
limited to approximately –1V to +1V referred to analog
ground. This allows the non-inverting input to Kelvin-sense
the common connection of V
IN, easily accommodating any
FIGURE 1. 4MHz Full-Scale Operation.
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
ground-drop errors. The input impedance loading V
IN is
equal to the input resistor—approximately 25k
Ω.
OPERATION AT LOWER FREQUENCIES
The VFC110 can be operated at lower frequencies simply by
limiting the input voltage to less than the nominal 10V full-
scale input. To maintain a 10V FS input and highest accu-
racy, however, external components are required (see Table
I). Small adjustments may be required in the nominal values
indicated. Integrator and one-shot capacitors are added in
parallel to internal capacitors. Figure 2 shows the connec-
tions required for 100kHz full scale output. The one-shot
capacitor, COS, should be connected to logic ground. The
one-shot connection (pin 6) is not short-circuit protected.
Short-circuits to ground may damage the device.
2
14
IN
V
112
11
One-Shot
V
REF
–V
S
Analog Ground
413
NC
3
6
8
Logic Ground
OUT
f
10
+V
S
7
NC
5
NC
50pF*
NC
PU
R
680
–15V
+15V
V
L
+5V
0 to 4MHz
25k
Ω*
0 to
+10V
* Nominal Values (±20%)


Similar Part No. - VFC110SG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
VFC110AG2 TI1-VFC110AG2 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
VFC110AP TI1-VFC110AP Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
VFC110APG4 TI1-VFC110APG4 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
VFC110BG1 TI1-VFC110BG1 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC110SG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
SSM2031 ETC-SSM2031 Datasheet
56Kb / 1P
   HIGH FREQUENCY OSCILLATER/VOLTAGE TO FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com