Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC32KP Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VFC32KP
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VFC32KP Datasheet(HTML) 4 Page - Burr-Brown (TI)

  VFC32KP Datasheet HTML 1Page - Burr-Brown (TI) VFC32KP Datasheet HTML 2Page - Burr-Brown (TI) VFC32KP Datasheet HTML 3Page - Burr-Brown (TI) VFC32KP Datasheet HTML 4Page - Burr-Brown (TI) VFC32KP Datasheet HTML 5Page - Burr-Brown (TI) VFC32KP Datasheet HTML 6Page - Burr-Brown (TI) VFC32KP Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
VFC32
TYPICAL PERFORMANCE CURVES
At T
A = +25°C and VCC = ±15V, unless otherwise noted.
1k
1M
Full Scale Frequency (Hz)
0.10
0.001
10k
100k
0.01
T
A = +25°C
LINEARITY ERROR vs FULL SCALE FREQUENCY
Duty Cycle = 25%
at Full Scale
0
10k
Operating Frequency (Hz)
1
–1.0
1k
7k
0
LINEARITY ERROR vs OPERATING FREQUENCY
2k
3k
4k
5k
6k
8k
9k
0.5
–0.5
f
FULL SCALE = 10kHz, 25% Duty Cycle
T
A = +25°C
1k
1M
Full Scale Frequency (Hz)
1000
10
10k
100k
100
(SM, KP, KU)
FULL SCALE DRIFT vs FULL SCALE FREQUENCY
(BM)


Similar Part No. - VFC32KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC32KP TI1-VFC32KP Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC32KPG4 TI1-VFC32KPG4 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results

Similar Description - VFC32KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com