Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR1248FPBCXZ01A Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # CAR1248FPBCXZ01A
Description  Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1248FPBCXZ01A Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button CAR1248FPBCXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR1248FPBCXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR1248FPBCXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR1248FPBCXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR1248FPBCXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR1248FPBCXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR1248FPBCXZ01A Datasheet HTML 9Page - Lineage Power Corporation CAR1248FPBCXZ01A Datasheet HTML 10Page - Lineage Power Corporation CAR1248FPBCXZ01A Datasheet HTML 11Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
GE
Data Sheet
CAR1248FP series rectifier
Input: 90VAC to 264VAC; Output: 48VDC @ 1200W; 5 VDC @ 0.5A
February 26, 2013
©2013 General Electric Company. All rights reserved.
Page 9
LEDs
Three LEDs are located on the front faceplate. The AC_OK LED
provides visual indication of the INPUT signal function. When
the LED is ON GREEN the power supply input is within normal
design limits.
When the DC_OK LED is GREEN the DC output is present.
When the FAULT_LED is RED then a fault condition exists and
the power supply may not provide output power. The table
below further defines these states:
I/O Expander option
The CAR1248FPx without extended i2c communications (blank
under the software option) has a single status/control byte I/O
expander that is accessible via address 0 x 4Eh (A2, A1, A0 are
pilled HI). This byte takes the form;
7
6
5
4
3
2
1
0
n/s
n/s
Fault
ON/OFF
Temp_OK
n/s
DCOK
ACOK
n/s – not supported
Bits 0, 1, 3, and 5 are ‘read_only’ and are HI [1] during normal
operation. The rectifier needs to be biased externally in order to ‘read’
its operational state without the presence of input power.
Bit 4 is a ‘read/write’ bit that can be used to verify the ON/OFF
commanded state or change the commanded output of the rectifier.
In order to turn the output OFF this bit needs to be pulled LO [0].
No PEC support is provided. Standard i2c commands apply.
Alarm Table
Test Condition
LED Indicator
Monitoring Signals
AC OK
DC OK
FAULT
FAULT
DC OK
AC OK
TEMP OK
1
Normal Operation
Green
Green
OFF
High
High
High
High
2
Low or NO INPUT
OFF
OFF
OFF
Low
Low
Low
High
3
OVP
Green
OFF
Red
Low
Low
High
High
4
Over Current
Green
OFF
Red
High
Low
High
High
5
Over Temp Fault
Green
OFF
Red
Low
Low
High
Low
Note: Test condition #2 has 2 modules working in parallel. One module is running and the other has no AC.
Connector
FCI Berg P/N: 51939-070
Mating connector: FCI Berg P/N: 51915-050
Pin
Function
Pin
Function
Pin
Function
Pin
Function
A1
Vstb
B1
Fault
C1
ISHARE
D1
VProg
A2
Vstb Return
B2
I Monitor (IMON)
C2
N/C
D2
OVP Test Point
A3
Signal Return
B3
Enable: “0” –ON “1” -OFF
C3
Over Temp Warning
D3
Remote ON/OFF
A4
Write Protect (WP)
B4
PS Present
C4
I2C Address (A0)
D4
DC OK
A5
Remote Sense (+)
B5
SDA (I2C bus)
C5
I2C Address (A1)
D5
AC OK
A6
Remote Sense (-)
B6
SCL (I2C bus)
C6
I2C Address (A2)
D6
Interrupt
P1
Line
P2
Neutral
P3
Chassis
P4
+VOUT
P5
Output Return


Similar Part No. - CAR1248FPBCXZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR1248FPB-1A LINEAGEPOWER-CAR1248FPB-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1248FPBYO-1A LINEAGEPOWER-CAR1248FPBYO-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1248FPBZO-1A LINEAGEPOWER-CAR1248FPBZO-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
More results

Similar Description - CAR1248FPBCXZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Mitsumi Electronics, Co...
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com