Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC320CG Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VFC320CG
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VFC320CG Datasheet(HTML) 8 Page - Burr-Brown (TI)

  VFC320CG Datasheet HTML 1Page - Burr-Brown (TI) VFC320CG Datasheet HTML 2Page - Burr-Brown (TI) VFC320CG Datasheet HTML 3Page - Burr-Brown (TI) VFC320CG Datasheet HTML 4Page - Burr-Brown (TI) VFC320CG Datasheet HTML 5Page - Burr-Brown (TI) VFC320CG Datasheet HTML 6Page - Burr-Brown (TI) VFC320CG Datasheet HTML 7Page - Burr-Brown (TI) VFC320CG Datasheet HTML 8Page - Burr-Brown (TI) VFC320CG Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
®
VFC320
8
Selecting R2
R2 = VPULLUP/(8mA – ILOAD)
=5V/(8mA – 1.6mA), one TTL-load = 1.6mA
=781
Choose a 750
Ω 1/4-watt carbon compensation resistor with
±5% tolerance.
FREQUENCY-TO-VOLTAGE CONVERSION
To operate the VFC320 as a frequency-to-voltage converter,
connect the unit as shown in Figure 9. To interface with
TTL-logic, the input should be coupled through a capacitor,
and the input to pin 10 biased near +2.5V. The converter will
detect the falling edges of the input pulse train as the voltage
at pin 10 crosses zero. Choose C3 to make t = 0.1t (see
Figure 9). For input signals with amplitudes less than 5V,
pin 10 should be biased closer to zero to insure that the input
signal at pin 10 crosses the zero threshold.
Errors are nulled using 0.001 X full scale frequency to null
offset, and full scale frequency to null the gain error. The
procedure is given on this page. Use equations from V/F
calculations to find R1, R3, R4, C1 and C2.
TYPICAL APPLICATIONS
Excellent linearity, wide dynamic range, and compatible
TTL, DTL, and CMOS digital output make the VFC320
ideal for a variety of VFC applications. High accuracy
allows the VFC320 to be used where absolute or exact
readings must be made. It is also suitable for systems
requiring high resolution up to 14 bits
Figures 10-14 show typical applications of the VFC320.
FIGURE 9. Connection Diagram for F/V Conversion.
FIGURE 10. Inexpensive A/D with Two-Wire Digital Transmission Over Twisted Pair.
FIGURE 11. Inexpensive Digital Panel Meter.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Input
Amp
One-
shot
NC
NC
–V
CC
(1)
NC
NC
NC
+V
CC
(1)
C
2
Integrator Capacitor
R
1
R
3
R
5
R
4
+15V
–15V
One-shot
Capacitor
C
1
f
OUT
NOTE: (1) Bypass with 0.01µF
Pin numbers in squares
refer to DIP package.
R
6
12k
2.5V
R
7
2.2k
0.001µF
C
3
f
IN
V
OUT
+1V
0V
(t)
T
F
FS = 100kHz
Sensor
INA101
+
VFC320
V
IN
f
OUT
Clock
Counter
Computer
Parallel
Data
High Noise
Immunity
Instrumentation
Amp
VFC320
V
IN
f
OUT
Clock
BDC
Counter
Driver/Display
e
1
e
2
Differential
Input


Similar Part No. - VFC320CG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC320CG TI-VFC320CG Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results

Similar Description - VFC320CG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com