Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR2024FPBZ01A Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # CAR2024FPBZ01A
Description  Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2024FPBZ01A Datasheet(HTML) 5 Page - Lineage Power Corporation

  CAR2024FPBZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 7Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GE Energy
CAR2024FP series rectifier
Input: 90Vac to 264Vac; Output: 24Vdc @ 83A; 3.3Vdc or 5 Vdc @ 1A
March 28, 2013
©2012 General Electric Company. All rights reserved.
Page 5
AC OK: A TTL compatible status signal representing
whether the input voltage is within the anticipated range.
This signal needs to be pulled HI externally through a
resistor. Maximum sink current ≤ 4mA and the max
voltage is 12Vdc. Open collector (HI) on this signal
indicates that the input voltage is applied within the
specified input range.
DC OK: A TTL compatible status signal representing
whether the output voltage is present. This signal needs
to be pulled HI externally through a resistor. Maximum
sink current ≤ 4mA and the max voltage is 12Vdc. Open
collector (HI) on this signal indicates that the output
voltage is present.
Over temp warning: A TTL compatible status signal
representing whether an over temperature exists. This
signal needs to be pulled HI externally through a resistor.
Maximum sink current ≤ 4mA and the max voltage is
12Vdc. Open collector (HI) on this signal indicates that
temperatures are normal.
If an over temperature should occur, this signal would
pull LO for approximately 10 seconds prior to shutting
down the power supply. The unit would restart if internal
temperatures recover within normal operational levels. At
that time the signal reverts back to its open collector (HI)
state.
Fault: A TTL compatible status signal representing
whether a Fault occurred. This signal needs to be pulled
HI externally through a resistor. Maximum sink current ≤
4mA and the max voltage is 12Vdc. Open collector (HI)
on this signal indicates that no Fault is present.
This signal activates for OTP, OVP, OCP, AC fault or No
output.
PS Present: This pin is connected to ‘output return’ within
the power supply. Its intent is to indicate to the system
that a power supply is present. This signal may need to
be pulled HI externally through a resistor.
Interrupt (SMBAlert): A TTL compatible status signal,
representing the SMBusAlert# feature of the PMBus
compatible i
2C protocol in the power supply. This signal
needs to be pulled HI externally through a resistor.
Maximum sink current ≤ 4mA and the pull up resistor
should be tied to 3.3Vdc. Open collector (HI) on this
signal indicates that no Interrupt has been triggered.
Serial Bus Communications
The I²C interface facilitates the monitoring and control of
various operating parameters within the unit and
transmits these on demand over an industry standard I²C
Serial bus.
All signals are referenced to ‘Signal Return’.
Device addressing: The microcontroller (MCU) and the
EEPROM have the following addresses:
Device
Address
Address Bit Assignments
(Most to Least Significant)
MCU
0xBx
1
0
1
1
A2
A1
A0
R/W
EEPROM
0xAx
1
0
1
0
A2
A1
A0
R/W
Address lines (A2, A1, A0): These signal pins allow up to
eight (8) modules to be addressed on a single I²C bus.
The pins are pulled HI internal to the power supply. For a
logic LO these pins should be connected to ‘Output
Return’
Serial Clock (SCL): The clock pulses on this line are
generated by the host that initiates communications
across the I²C Serial bus. This signal is pulled up
internally to 3.3V by a 10kΩ resistor. The end user
should add additional pull up resistance as necessary to
ensure that rise and fall time timing and the maximum
sink current is in compliance to the I²C specifications.
Serial Data (SDA): This line is a bi-directional data line. .
This signal is pulled up internally to 3.3V by a 10kΩ
resistor. The end user should add additional pull up
resistance as necessary to ensure that rise and fall time
timing and the maximum sink current is in compliance to
the I²C specifications.
EEPROM
The microcontroller has 96 bytes of EEPROM memory
available for the system host.
Another separate EEPROM IC will provide another 128
bytes of memory with write protect feature. Minimum
information to be included in this separate EEPROM:
model number, revision, date code, serial number etc.
See the communications protocol for further information.
Communications Protocol
The I²C protocol is described in detail by the I
2C and
PMBus Serial Communications Protocol for the CAR
Family of Power Supplies
application note.
The following I²C protocol commands are not supported:
FAN1_SPEED_ I²C, FAN2_SPEED_ I²C
VIN_ I²C, IIN_ I²C, PIN_ I²C
The following PMBus protocol commands are not
supported:
FAN_COMMAND_1
0 x 21
STATUS_FAN_1_2
0 x 81
READ_VIN
0 x 88
READ_IIN
0 x 89
READ_FAN_SPEED_1
0 x 90
READ_FAN_SPEED_2
0 x 91
READ_PIN
0 x A3
The STAUS_MFR_SPECIFIC (Register 0 x 80) has a bit
changed;
Bit 5
0 = interrupt, 1 = no interrupt


Similar Part No. - CAR2024FPBZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2024FPBZ0-1A LINEAGEPOWER-CAR2024FPBZ0-1A Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
More results

Similar Description - CAR2024FPBZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com