Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR2512TEBX5Z01A Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # CAR2512TEBX5Z01A
Description  90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2512TEBX5Z01A Datasheet(HTML) 4 Page - Lineage Power Corporation

  CAR2512TEBX5Z01A Datasheet HTML 1Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 2Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GE
Preliminary Data Sheet
CAR2512TE Front-End
Input: 90VAC to 264VAC; Output: 12 VDC @ 2500W; 3.3/5VDC standby @ 15W
February 7, 2014
©2013 General Electric Company. All rights reserved.
Page 4
Feature Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltage programming (Vprog)
Equation: Vout = 10.8 + (Vprog * 0.96)
Vprog range
VPROG
0
2.5
VDC
Programmed output voltage range
VOUT
10.8
13.2
VDC
Voltage adjustment resolution (8-bit A/D)
VOUT
10
mVDC
Output configured to 13.2VDC
VPROG
2.5
3.0
VDC
Output configured to the 12VDC set-point
VPROG
3.0
VDC
Interlock [short pin controlling presence of the 12VDC output]
12V output OFF
VI
2.5
5
VDC
12V output ON
VI
0
0.8
VDC
INPUT(AC)_OK (pulled up internally via 10kΩ to 3.3V)
Logic High (Input within normal range; VIN ≥ 80VAC)
IOH
20
µA
VOH
2.1
3.5
VDC
Logic Low (Input out of range; VIN ≤ 75VAC)
IOL
20
mA
VOL
0
0.4
VDC
DC_OK (pulled up internally via 10kΩ to 3.3V)
Logic High (Output voltage is present; VOUT ≥ 10.7VDC)
IOH
20
µA
VOH
2.1
3.5
VDC
Logic Low (Output voltage is not present; VOUT ≤ 10.2VDC, and
IOL
20
mA
Early_warning if output is about to go out of regulation)
VOL
0
0.4
VDC
Over_Temperature_Warning# (pulled internally via 10kΩ to 3.3V)
Logic High (temperature within normal range)
IOH
20
µA
VOH
2.1
3.5
VDC
Logic Low (temperature is too high)
IOL
20
mA
VOL
0
0.4
VDC
Delayed shutdown after Logic Low transition
Tdelay
10
sec
Fault# (pulled up internally via 10kΩ to 3.3V)
Logic High (No fault is present)
IOH
20
µA
VOH
2.1
3.5
VDC
Logic Low (Fault is present)
IOL
20
mA
VOL
0
0.4
VDC
PS_Present#
Logic High (Power supply is not plugged in)
Logic Low (Power supply is present)
VIL
0
0.4
VDC


Similar Part No. - CAR2512TEBX5Z01A

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CAR2512 RIEDON-CAR2512 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
145Kb / 3P
   CAR Series
logo
Lineage Power Corporati...
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FP5Y0-1A LINEAGEPOWER-CAR2512FP5Y0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results

Similar Description - CAR2512TEBX5Z01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
   5VDC, 3A, 15W Switching Power Supply
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com