Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR2548DCXXXZ01A Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # CAR2548DCXXXZ01A
Description  -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548DCXXXZ01A Datasheet(HTML) 5 Page - Lineage Power Corporation

  CAR2548DCXXXZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
GE
Data Sheet
CAR2548DC series dc-dc converters
Input: -36Vdc to -75Vdc; Output: 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
December 6, 2013
©2013 General Electric Company. All rights reserved.
Page 5
Feature Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
SMBAlert# (Interrupt) (Needs to be pulled HI via an external
it )
Logic High (No Alert - normal)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Alert is set)
IOL
20
mA
VOL
0
0.4
VDC
Output current monitor (Imon)
Resolution
100
mV/A
Accuracy
-5
5
% of FL
Measurement range
Io
0
52
ADC
Analog output range
Vmon
0
5.2
VDC
Sourced output current
5
mADC
Digital Interface Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
PMBus Signal Interface Characteristics
Input Logic High Voltage (CLK, DATA)
VIH
2.1
3.6
VDC
Input Logic Low Voltage (CLK, DATA)
VIL
0
0.8
VDC
Input high sourced current (CLK, DATA)
IIH
0
10
μA
Output Low sink Voltage (CLK, DATA, SMBALERT#)
IOUT=3.5mA
VOL
0.4
VDC
Output Low sink current (CLK, DATA, SMBALERT#)
IOL
3.5
mA
Output High open drain leakage current
(CLK,DATA, SMBALERT#)
VOUT=3.6V
IOH
0
10
μA
PMBus Operating frequency range
Slave Mode
FPMB
10
400
kHz
Measurement System Characteristics
Clock stretching
tSTRETCH
25
ms
IOUT measurement range
Linear
IRNG
0
52
ADC
IOUT measurement accuracy 25°C
IACC
-3
+3
% of FL
VOUT measurement range
Linear
VOUT(rng)
0
60
VDC
VOUT measurement accuracy
VOUT(acc)
-3
+3
%
Temp measurement range
Linear
Temp(rng)
0
120
C
Temp measurement accuracy6
Temp(acc)
-5
+5
C
IIN measurement range
Linear
IIN(rng)
0
80
ADC
IIN measurement accuracy
IIN(acc)
-5
+5
%
VIN measurement range
Linear
VIN(rng)
0
80
VDC
VIN measurement accuracy
VIN(acc)
-3
+3
%
PIN measurement range
Linear
PN(rng)
0
3000
W
PIN measurement accuracy
PIN(acc)
-5
+5
%
Fan Speed measurement range
Linear
0
30k
RPM
Fan Speed measurement accuracy
-5
5
%
Fan speed control range
-direct-
0
100
%
6
Temperature accuracy reduces non-linearly with decreasing temperature


Similar Part No. - CAR2548DCXXXZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR2548DCB5-1A LINEAGEPOWER-CAR2548DCB5-1A Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR2548DCB5Y0-1A LINEAGEPOWER-CAR2548DCB5Y0-1A Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR2548DCB5Z0-1A LINEAGEPOWER-CAR2548DCB5Z0-1A Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
More results

Similar Description - CAR2548DCXXXZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com