Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2000AC54TEZ Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # CP2000AC54TEZ
Description  100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2000W, 5VDC @ 4W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CP2000AC54TEZ Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button CP2000AC54TEZ Datasheet HTML 3Page - Lineage Power Corporation CP2000AC54TEZ Datasheet HTML 4Page - Lineage Power Corporation CP2000AC54TEZ Datasheet HTML 5Page - Lineage Power Corporation CP2000AC54TEZ Datasheet HTML 6Page - Lineage Power Corporation CP2000AC54TEZ Datasheet HTML 7Page - Lineage Power Corporation CP2000AC54TEZ Datasheet HTML 8Page - Lineage Power Corporation CP2000AC54TEZ Datasheet HTML 9Page - Lineage Power Corporation CP2000AC54TEZ Datasheet HTML 10Page - Lineage Power Corporation CP2000AC54TEZ Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
GE
Data Sheet
CP2000AC54TE CPL High Efficiency Rectifier
100-120/200-277VAC input; Default Outputs: ±54VDC @ 2000W, 5VDC @ 4W
August 16, 2013
©2013 General Electric Company. All rights reserved.
Page 7
Characteristic Curves
The following figures provide typical characteristics for the CP2000AC54TE rectifier and 25oC.
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT
Figure 1. Rectifier Efficiency versus Output Current.
Figure 2. 54VDC output: Power limit, Current limit and
shutdown profile at VIN = 185VAC.
OUTPUT CURRENT
INPUT VOLTAGE
Figure 3. 54VDC output: Power limit, Current limit and
shutdown profile at VIN = 90VAC.
Figure 4. 54VDC output: Output power derating based on
input voltage.
TIME, t (10ms /div)
TIME, t (10ms/div)
Figure 5. 54VDC output ripple and noise, full load,
VIN = 185VAC.
Figure 6. 5VDC output ripple and noise, all full load,
VIN = 185VAC.
80
82
84
86
88
90
92
94
96
98
0
5
10
15
20
25
30
35
40
45
50
55
Vin=110V
Vin=240V
30
35
40
45
50
55
60
40
45
50
55
30
35
40
45
50
55
60
15
20
25
30
1000
1200
1400
1600
1800
2000
2200
120
140
160
180
200
POUT = 55.015Vin - 6991.6
Equation for derating zone
tolerance: ±5%


Similar Part No. - CP2000AC54TEZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
   Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
   Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
More results

Similar Description - CP2000AC54TEZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
CP2725AC54TE LINEAGEPOWER-CP2725AC54TE Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2725W, 5VDC @ 4W
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
   Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
   Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000DC54PEZ LINEAGEPOWER-CP2000DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2000W; 5 Vdc @ 4W
logo
LinkCom Manufacturing C...
PLCCE0060132 LINKCOM-PLCCE0060132 Datasheet
697Kb / 2P
   AC Input 100-277Vac
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0013501 LINKCOM-PLCCE0013501 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017112 LINKCOM-PLCCE0017112 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017122 LINKCOM-PLCCE0017122 Datasheet
270Kb / 2P
   AC Input 100-277Vac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com