Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS901 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS901
Description  10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS901 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS901 Datasheet HTML 3Page - Burr-Brown (TI) ADS901 Datasheet HTML 4Page - Burr-Brown (TI) ADS901 Datasheet HTML 5Page - Burr-Brown (TI) ADS901 Datasheet HTML 6Page - Burr-Brown (TI) ADS901 Datasheet HTML 7Page - Burr-Brown (TI) ADS901 Datasheet HTML 8Page - Burr-Brown (TI) ADS901 Datasheet HTML 9Page - Burr-Brown (TI) ADS901 Datasheet HTML 10Page - Burr-Brown (TI) ADS901 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
®
ADS901
DIGITAL OUTPUTS
There is a 5.0 clock cycle data latency from the start convert
signal to the valid output data. The standard output coding
is Straight Offset Binary where a full scale input signal
corresponds to all “1’s” at the output. The digital outputs of
the ADS901 can be set to a high impedance state by driving
the three-state (pin 16) with a logic “HI”. Normal operation
is achieved with pin 16 “LO” or Floating due to internal
pull-down resistors. This function is provided for testability
purposes but is not recommended to be used dynamically.
The digital outputs of the ADS901 are standard CMOS
stages and designed to be compatible to both high speed
TTL and CMOS logic families. The logic thresholds are for
low-voltage CMOS: VOL = 0.4V, VOH = 2.4V, which allows
the ADS901 to directly interface to 3V-logic. The digital
outputs of the ADS901 use a dedicated digital supply pin
(pin 2, LVDD). By adjusting the voltage on LVDD, the digital
output levels will vary respectively. In any case, it is recom-
mended to limit the fan-out to one, to keep the capacitive
loading on the data lines below the specified 15pF. If
necessary, external buffers or latches may be used to provide
the added benefit of isolating the A/D converter from any
digital activities on the bus coupling back high frequency
noise and degrading the performance.
POWER-DOWN MODE
The ADS901’s low power consumption can be further
reduced by initiating a power down mode. For this, the
Pwrdn-Pin (Pin 17) must be tied to a logic “High” reducing
the current drawn from the supply by approximately 70%. In
normal operation the power-down mode is disabled by an
internal pull-down resistor (50k
Ω).
FIGURE 6. Precise Solution to Supply External Reference
Voltages.
+V
S
+LV
DD
ADS901
Digital
Output
Stage
FIGURE 7. Independent Supply Connection for Output
Stage.
During power-down the digital outputs are set in 3-state.
With the clock applied, the converter does not accurately
process the sampled signal. After removing the power-down
condition the output data from the following 5 clock cycles
is invalid (data latency).
DECOUPLING AND GROUNDING
CONSIDERATIONS
The ADS901 converter have several supply pins, one of
which is dedicated to supply only the output driver. The
remaining supply pins are not, as is often the case, divided
into analog and digital supply pins since they are internally
connected on the chip. For this reason it is recommended to
treat the converter as an analog component and to power it
from the analog supply only. Digital supply lines often carry
high levels of noise which can couple back into the converter
and limit the achievable performance.
Because of the pipeline architecture, the converter also
generates high frequency transients and noise that are fed
back into the supply and reference lines. This requires that
the supply and reference pins be sufficiently bypassed.
Figure 8 shows the recommended decoupling scheme for the
analog supplies. In most cases 0.1
µF ceramic chip capacitors
are adequate to keep the impedance low over a wide fre-
quency range. Their effectiveness largely depends on the
proximity to the individual supply pin. Therefore they should
be located as close to the supply pins as possible.
FIGURE 8. Recommended Bypassing for Analog Supply
Pins.
+V
S
1
13
14
GND
ADS901
0.1µF
+V
S
18
19
20
GND
0.1µF
+V
S
28
0.1µF
1/2 A
1
R
F1
R
G1
3k
5k
REF1004
+1.2V
10k
10
Top
Reference
(REFT)
+V
S
+V
S
1/2 A
1
R
F2
R
G2
10
Bottom
Reference
(REFB)
A
1 = OPA2237 or Equivalent.


Similar Part No. - ADS901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS901 TI-ADS901 Datasheet
242Kb / 13P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS901 TI1-ADS901 Datasheet
254Kb / 14P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS901E TI1-ADS901E Datasheet
254Kb / 14P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS901EG4 TI-ADS901EG4 Datasheet
242Kb / 13P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS901EG4 TI1-ADS901EG4 Datasheet
254Kb / 14P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI1-ADS901_14 Datasheet
254Kb / 14P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com