Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A005 Datasheet(PDF) 1 Page - Bytes

Part # 10A005
Description  10.0 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

10A005 Datasheet(HTML) 1 Page - Bytes

  10A005 Datasheet HTML 1Page - Bytes 10A005 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE
CURRENT
50 TO 1000 Volts
10.0 Amperes
10.0 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=60 C
R-6
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.360(9.1)
.360(9.1)
.340(8.6)
.340(8.6)
.052(1.3)
.048(1.2)
DIA.
DIA.
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 10.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
10A05 10A1 10A2 10A4
10A6 10A8 10A10 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
10.0
400
10.0
400
100
-65
+150
V
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.65 grams
10A005
10A10
THRU
1.0
Typical Thermal Resistance R JA (Note 2)
θ
10
*
A
Operating and Storage Temperature Range T , T
J
STG
C
C/W


Similar Part No. - 10A005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10A0 ETC-10A0 Datasheet
477Kb / 1P
   SMD SMART PROTECTOR
logo
Diodes Incorporated
10A01 DIODES-10A01 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A01 MCC-10A01 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
logo
Diodes Incorporated
10A01 DIODES-10A01 Datasheet
67Kb / 3P
   10A RECTIFIER
DS28010 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
10A01 TSC-10A01 Datasheet
60Kb / 2P
   10.0 AMPS. Silicon Rectifiers
More results

Similar Description - 10A005

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
10A05 DGNJDZ-10A05 Datasheet
297Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Bytesonic Electronics C...
10A05 BYTESONIC-10A05 Datasheet
295Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
10A10 YIXIN-10A10 Datasheet
291Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
10A05 GWSEMI-10A05 Datasheet
63Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
SHIKUES Electronics
10A05 SKTECHNOLGY-10A05 Datasheet
820Kb / 2P
   10.0 AMP. Plastic Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
62Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF1020 GWSEMI-SRF1020 Datasheet
72Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com