Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002 Datasheet(PDF) 2 Page - Bytes

Part # 1N4002
Description  1.0 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

1N4002 Datasheet(HTML) 2 Page - Bytes

  1N4002 Datasheet HTML 1Page - Bytes 1N4002 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (1N4001 THRU 1N4007)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.2
0
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
0.1
1.0
.01
10
50
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0 1.1 1.2 1.3
3.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.1
.5
1
5
10
50
100
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
AMBIENT TEMPERATURE,( C)
FIG.1-TYPICAL FORWARD


Similar Part No. - 1N4002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Diodes Incorporated
1N4002 DIODES-1N4002 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
First Components Intern...
1N4002 FCI-1N4002 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results

Similar Description - 1N4002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_1 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Bytes
1A1 BYTES-1A1 Datasheet
150Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Nanjing International G...
EM513 DGNJDZ-EM513 Datasheet
236Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Bytes
BY127M BYTES-BY127M Datasheet
151Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
List of Unclassifed Man...
204-1N400X ETC2-204-1N400X Datasheet
64Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
EM516 DGNJDZ-EM516 Datasheet
236Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1A1 SECOS-1A1_15 Datasheet
744Kb / 2P
   1.0 AMP Silicon Rectifiers
logo
UNIOHM CORPORATION
1N4001 UNIOHM-1N4001 Datasheet
65Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Daya Electric Group Co....
1N4001 DAYA-1N4001 Datasheet
264Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Nanjing International G...
1N4001S DGNJDZ-1N4001S Datasheet
273Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com