Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIM400Z Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # PIM400Z
Description  -36 to -75 Vdc; 400W/10A
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

PIM400Z Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button PIM400Z Datasheet HTML 2Page - Lineage Power Corporation PIM400Z Datasheet HTML 3Page - Lineage Power Corporation PIM400Z Datasheet HTML 4Page - Lineage Power Corporation PIM400Z Datasheet HTML 5Page - Lineage Power Corporation PIM400Z Datasheet HTML 6Page - Lineage Power Corporation PIM400Z Datasheet HTML 7Page - Lineage Power Corporation PIM400Z Datasheet HTML 8Page - Lineage Power Corporation PIM400Z Datasheet HTML 9Page - Lineage Power Corporation PIM400Z Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GE
Data Sheet
PIM400 Series; ATCA Board Power Input Modules
-36 to -75 Vdc; 400W/10A
June 20, 2013
©2013 General Electric Company. All rights reserved.
Page 6
Digital Interface Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Digital Signal Interface Characteristics
Clock frequency range
fCLK
100
400
kHz
Measurement Tolerance
Feed Voltage A/B (-48V_AF & -48V_BF)
+/-3
%
Holdup Voltage (V_HLDP)
+/-3
%
-48V_OUT current (-48V_IOUT)
% of Io,max
+/-3
%
Module Temperature (TEMP)
+/-3
0
C
General Specifications
Parameter
Device
Min
Typ
Max
Unit
Calculated MTBF (PO=0.8PO, RATED, 48VIN, TA=40°C, Airflow=300LFM)
Telecordia Issue 2 Method 1 Case 3
All
2,308,563
Hours
Weight
28.3 (1.0)
g (oz.)


Similar Part No. - PIM400Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PIM453 ETC-PIM453 Datasheet
247Kb / 3P
   PMW3901 Optical Flow Sensor Breakout
More results

Similar Description - PIM400Z

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com