Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIM400Z Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # PIM400Z
Description  -36 to -75 Vdc; 400W/10A
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

PIM400Z Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button PIM400Z Datasheet HTML 6Page - Lineage Power Corporation PIM400Z Datasheet HTML 7Page - Lineage Power Corporation PIM400Z Datasheet HTML 8Page - Lineage Power Corporation PIM400Z Datasheet HTML 9Page - Lineage Power Corporation PIM400Z Datasheet HTML 10Page - Lineage Power Corporation PIM400Z Datasheet HTML 11Page - Lineage Power Corporation PIM400Z Datasheet HTML 12Page - Lineage Power Corporation PIM400Z Datasheet HTML 13Page - Lineage Power Corporation PIM400Z Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
GE
Data Sheet
PIM400 Series; ATCA Board Power Input Modules
-36 to -75 Vdc; 400W/10A
June 20, 2013
©2013 General Electric Company. All rights reserved.
Page 10
Characteristic Curves (continued)
The following figures provide typical characteristics for the PIM400X modules at 25ºC.
TIME, t (0.500ms/div)
TIME, t (500
s/div)
Fig 10: 3.3V Turn-On
Test Conditions:
Cout=10F ceramic
Fig 11: 3.3V Load Transient
Test Conditions:
Cout =10F ceramic
Step Load Change = 50%-75%-50% of Iout,max
Slew Rate = 1 A/s
TIME, t (2
s/div)
TIME, t (5ms/div)
Fig 12: 3.3V Ripple
Test Conditions:
Cout=10F ceramic
Iout=3.6A
Fig 13: ALARM Output change of state with input voltage
dropout


Similar Part No. - PIM400Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PIM453 ETC-PIM453 Datasheet
247Kb / 3P
   PMW3901 Optical Flow Sensor Breakout
More results

Similar Description - PIM400Z

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com