Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD625JNZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AD625JNZ
Description  MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD625JNZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AD625JNZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-87719
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing describes device requirements for MIL-STD-883 compliant, non-JAN class level B microcircuits in
accordance with MIL-PRF-38535, appendix A.
1.2 Part or Identifying Number (PIN). The complete PIN is as shown in the following example:
5962-87719
01
E
A
Drawing number
Device type
(see 1.2.1)
Case outline
(see 1.2.2)
Lead finish
(see 1.2.3)
1.2.1 Device type. The device type identify the circuit function as follows:
Device type
Generic number
Circuit function
01
AD625
Programmable gain instrumentation amplifier
1.2.2 Case outlines. The case outlines are as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style
E
GDIP1-T16 or CDIP2-T16
16
Dual-in-line
2
CQCC1-N20
20
Square leadless chip carrier
1.2.3 Lead finish. The lead finish is as specified in MIL-PRF-38535, appendix A.
1.3 Absolute maximum ratings.
Supply voltage (VS) ..................................................................................... ±18 V dc
Internal power dissipation ........................................................................... 280 mW
Input voltage ................................................................................................
±V
S maximum
Storage temperature range ......................................................................... -55
°C to +150°C
Lead temperature (soldering, 10 seconds) .................................................. +300
°C
Thermal resistance:
Junction-to-case (
θ
JC) ..............................................................................
See MIL-STD-1835
Junction-to-ambient (
θ
JA) .........................................................................
95
°C/W
1.4 Recommended operating conditions.
Supply voltage range (VS) ........................................................................... ±6 V dc to ±18 V dc
Ambient operating temperature range (TA) ................................................. -55°C to +125°C


Similar Part No. - AD625JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625JN AD-AD625JN Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD625JN AD-AD625JN Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
More results

Similar Description - AD625JNZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com