Electronic Components Datasheet Search |
|
AD7547JRZ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
AD7547JRZ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 12 page STANDARD MICROCIRCUIT DRAWING SIZE A 5962-89657 DLA LAND AND MARITIME COLUMBUS, OHIO 43218-3990 REVISION LEVEL C SHEET 5 DSCC FORM 2234 APR 97 TABLE I. Electrical performance characteristics – continued. Test Symbol Conditions 1/ -55 °C ≤ T A ≤+125°C unless otherwise specified Group A subgroups Device type Limits Unit Min Max Reference input resistance RIN VDD = 10.8 V 1, 2, 3 All 9.0 20 k Ω Reference input resistance match (VREFA/VREFB) RMIN VDD = 10.8 V 1, 2, 3 01, 02 ±3.0 % 1 03 ±3.0 2, 3 ±1.0 Digital input high voltage VIH VDD = 10.8 V and 16.5 V 1, 2, 3 All 2.4 V Digital input low voltage VIL VDD = 10.8 V and 16.5 V 1, 2, 3 All 0.8 V Input current IIN VIN = VDD = 16.5 V 1 All 1.0 µA 2, 3 10 Digital input capacitance 2/ CIN TA = +25°C 4 All 10 pF Output capacitance 2/ COUTA DAC A = all 0’s, TA = +25°C 4 All 70 pF DAC A = all 1’s, TA = +25°C 140 Output capacitance 2/ COUTB DAC B = all 0’s, TA = +25°C 4 All 70 pf DAC B = all 1’s, TA = +25°C 140 Functional test See 4.3.1c 7 All Data setup time tDS See figure 3 9 All 60 ns 10, 11 2/ 80 Data hold time tDH See figure 3 9 All 25 ns 10, 11 2/ 25 Chip select or update to write setup time tCWS See figure 3 9 All 80 ns 10, 11 2/ 100 Chip select or update to write hold time tCWH See figure 3 9 All 0 ns 10, 11 2/ 0 Write pulse width tWR See figure 3 9 All 80 ns 10, 11 2/ 100 Supply current IDD VDD = 16.5 V 1, 2, 3 All 2.0 mA 1/ VDD = 10.8 V to 16.5 V, unless otherwise specified. VREFA = VREFB = 10 V, voltage at AGND = 0 V, voltage at IOUTA = IOUTB = 0 V. 2/ If not tested, shall be guaranteed to the limits specified in table I herein. |
Similar Part No. - AD7547JRZ |
|
Similar Description - AD7547JRZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |