Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD96687BPZ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AD96687BPZ
Description  MICROCIRCUIT, LINEAR, HIGH-SPEED VOLTAGE COMPARATOR, MONOLITHIC SILICON
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD96687BPZ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AD96687BPZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
86008
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
D
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/ 2/ 3/ 4/
-55
°C ≤ T
A ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Low level output voltage
VOL
TA = +25°C
1
01,02,
03
-1.85
-1.65
V
TA = +125°C
2
-1.81
-1.57
TA = -55°C
3
-1.91
-1.69
1, 2, 3
04
-1.50
Positive supply current
I+
1, 2, 3
01, 02,
03
22
mA
04
9
Negative supply current
I-
1, 2, 3
01, 02,
-26
mA
03,04
-18
Propagation delay time
tPD±
TA = -55°C, +25°C 6/ 7/
9, 11
01
3.5
6.5
ns
TA = +125°C 6/ 7/
10
5.5
12
TA = +25°C, -55°C 6/ 7/
9, 11
02
0.5
6.5
TA = +125°C 6/ 7/
10
0.5
12
TA = +25°C, -55°C 7/ 8/
9, 11
03
2.0
4.0
TA = +125°C 7/ 8/
10
1.5
6.0
TA = +25°C, -55°C 9/
9, 11
04
1.5
3.5
TA = +125°C 9/
10
1.5
6.0
TA = +25°C, -55°C
9, 11
01,03
8
ns
Propagation delay time
latch enable to output 5/
tPD±
(E)
TA = +125°C
10
12.5
TA = +25°C, -55°C
9, 11
02
8
TA = +125°C
10
12.5
TA = +25°C
9
04
3.5
TA = +125°C, -55°C
10, 11
7
1/
For device types 01, 02, and 03 unless otherwise specified: V+ = +6.0 V dc, V- = -5.2 V dc, VT = -2.0 V dc, and RL = 50 Ω.
2/
Devices require a thermal equilibrium to be established with a transverse airflow of >500 LFPM.
3/
Production pulse test devices at correlated temperatures of -35
°C and +145°C to compensate for high power steady-state
operation.
4/
For device type 04 unless otherwise specified: V+ = +5.0 V dc, V- = -5.2 V dc, VT = -2.0 V dc, and RL = 50 Ω.
5/
Guaranteed if not tested to the limits specified.
6/
100 mV step input with 5 mV overdrive.
7/
a. This parameter tested with VCM = 0 V and supplies V+ = 6.0 V, V- = -5.2 V.
b.
tPD+ on either output Q or Q is performed.
c.
tPD- on either output Q or Q is performed.
8/
100 mV step input with 10 mV overdrive V+ = +5.0 V, V- = -5.2 V for 03.
9/
This parameter measured with 100 mV pulse (10 mV overdrive), to 50 percent of the transition output point.


Similar Part No. - AD96687BPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD96687BP AD-AD96687BP Datasheet
129Kb / 6P
   Ultrafast Comparators
REV. C
AD96687BP AD-AD96687BP Datasheet
100Kb / 8P
   Ultrafast Comparators
REV. D
More results

Similar Description - AD96687BPZ

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SDP117 SOLITRON-SDP117 Datasheet
98Kb / 14P
   MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
5962-90737 ETC1-5962-90737 Datasheet
138Kb / 15P
   MICROCIRCUIT, LINEAR, ANALOG SWITCH, MONOLITHIC SILICON
5962-9321401MEA ETC2-5962-9321401MEA Datasheet
108Kb / 11P
   MICROCIRCUIT, LINEAR, PRECISION 짹10 V VOLTAGE REFERENCE, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Solitron Devices Inc.
SDP7812A SOLITRON-SDP7812A Datasheet
137Kb / 13P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 12 VOLT, POSITIVE, FIXED, MONOLITHIC SILICON
SDP7915A SOLITRON-SDP7915A Datasheet
145Kb / 12P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 15 VOLT, NEGATIVE, FIXED, MONOLITHIC SILICON
SDP7912A SOLITRON-SDP7912A Datasheet
136Kb / 13P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 12 VOLT, NEGATIVE, FIXED, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com