Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSH203 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. BSH203
Description  P-channel enhancement mode MOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BSH203 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BSH203 Datasheet HTML 1Page - List of Unclassifed Manufacturers BSH203 Datasheet HTML 2Page - List of Unclassifed Manufacturers BSH203 Datasheet HTML 3Page - List of Unclassifed Manufacturers BSH203 Datasheet HTML 4Page - List of Unclassifed Manufacturers BSH203 Datasheet HTML 5Page - List of Unclassifed Manufacturers BSH203 Datasheet HTML 6Page - List of Unclassifed Manufacturers BSH203 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH203
MOS transistor
ELECTRICAL CHARACTERISTICS
T
j= 25˚C
unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = -10 µA
-30
-
-
V
voltage
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = -1 mA
-0.4
-0.68
-
V
T
j = 150˚C
-0.1
-
-
V
R
DS(ON)
Drain-source on-state
V
GS = -4.5 V; ID = -280 mA
-
0.66
0.9
resistance
V
GS = -2.5 V; ID = -280 mA
-
0.92
1.1
V
GS = -1.8 V; ID = -140 mA
-
1.1
1.2
V
GS = -2.5 V; ID = -280 mA; Tj = 150˚C
-
1.4
1.65
g
fs
Forward transconductance
V
DS = -24 V; ID = -280 mA
0.3
1.0
-
S
I
GSS
Gate source leakage current V
GS = ±8 V; VDS = 0 V
-
±10 ±100
nA
I
DSS
Zero gate voltage drain
V
DS = -24 V; VGS = 0 V;
-
-50
-100
nA
current
T
j = 150˚C
-
-1.3
-10
µA
Q
g(tot)
Total gate charge
I
D = -0.5 A; VDD = -10 V; VGS = -4.5 V
-
2.2
-
nC
Q
gs
Gate-source charge
-
0.4
-
nC
Q
gd
Gate-drain (Miller) charge
-
0.25
-
nC
t
d on
Turn-on delay time
V
DD = -10 V; ID = -0.5 A;
-
2
-
ns
t
r
Turn-on rise time
V
GS = -8 V; RG = 6 Ω
-
4.5
-
ns
t
d off
Turn-off delay time
Resistive load
-
45
-
ns
t
f
Turn-off fall time
-
20
-
ns
C
iss
Input capacitance
V
GS = 0 V; VDS = -24 V; f = 1 MHz
-
110
-
pF
C
oss
Output capacitance
-
27
-
pF
C
rss
Feedback capacitance
-
7
-
pF
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
T
a = 25 ˚C
-
-
-0.47
A
current
I
DRM
Pulsed reverse drain current
-
-
-1.9
A
V
SD
Diode forward voltage
I
F = -0.38 A; VGS = 0 V
-
-0.87
-1.3
V
t
rr
Reverse recovery time
I
F = -0.5 A; -dIF/dt = 100 A/µs;
-
27
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = -24 V
-
28
-
nC
August 1998
2
Rev 1.000


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn