Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCCE-020X112 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCE-020X112
Description  AC Input 90~305Vac SCP / OVP / OCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-020X112 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-020X112 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-020X112 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LinkCom Manufacturing Co., Ltd
Model NO.
Part NO.
Constant Current Power Supply
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
LCCE-020 112
PLCCE0020 112
Model Name
SIZE
Reference
Unit:mm【inch】
Dimensions
www.linkcom.com.tw For more information, please contact with :sales@linkcom.com.tw


Similar Part No. - LCCE-020X112

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-020X122 LINKCOM-LCCE-020X122 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X142 LINKCOM-LCCE-020X142 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X152 LINKCOM-LCCE-020X152 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X172 LINKCOM-LCCE-020X172 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
More results

Similar Description - LCCE-020X112

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-020X601 LINKCOM-LCCE-020X601 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X172 LINKCOM-LCCE-020X172 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X801 LINKCOM-LCCE-020X801 Datasheet
112Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X701 LINKCOM-LCCE-020X701 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X701 LINKCOM-LCCE-025X701 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X901 LINKCOM-LCCE-025X901 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X801 LINKCOM-LCCE-025X801 Datasheet
112Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-030X112 LINKCOM-LCCE-030X112 Datasheet
111Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X142 LINKCOM-LCCE-020X142 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X122 LINKCOM-LCCE-025X122 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com