Electronic Components Datasheet Search |
|
LCCE-045X152 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd. |
|
LCCE-045X152 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd. |
1 / 2 page LinkCom Manufacturing Co., Ltd *,# =SEE NOTES BELOW MODEL SPECIFICATION * * * * * (6)Line regulation measured from 100VAC to 277VAC. (7)Preset accuracy measured at normal load, 120VAC input. (8)100% Production Tested. ※ ※ ※ ※ Reference ◆ Dimension(L*W*H): 163 * 47 * 31.6 mm norm. max. 22.5 30 Model NO. Part NO. Constant Current Power Supply 163 * 47 * 31.6 mm 【6.42 * 1.85 * 1.24 inch】 LCCE-045 152 PLCCE0045 152 Model Name SIZE DC OUTPUT POWER INRUSH CURRENT (typ) AC CURRENT DC OUTPUT VOLTAGE RANGE (V) LINE REGULATION (%) *(6) OUTPUT CURRENT RANGE (A) *(5) EFFICIENCY(typ @Full Load) TURN ON DELAY TIME INPUT VOLTAGE RANGE OVER TEMP. PROTECTION INPUT FREQUENCY Range:47-63Hz, Normal:50-60Hz 0.7A/100VAC SHORT CIRCUIT PROTECTION The SCP, OTP and OVP will restart automaticalty after the fault condition is removed. LEAKAGE CURRENT 10 to +90% 3000ms at full load 115VAC/230VAC 86% 10 0.75mA/264VAC 90-305VAC, 127-431VDC, Normal:100-277VAC COLD START 43A @ 230VAC FEATURES PRESET ACCURACY (%) *(7) O/P NOISE (P-P, V) *(3) *(8) Module : LCCE-045 152 ◆ AC Input 90~305Vac 1.425 ◆ Protection: SCP / OTP / OVP STORAGE TEMPERATURE OVER V, PROTECTION EMI TEMP. COEFFICIENT OPERATING TEMP.*(4) SAFETY RELATIVE HUMIDITY DIMENSIONS(L*W*H) (5)Minimum load is NOT required for proper operation . NOTES:(1)All parameters not specially mentioned are measured 230VAC input. (2)All specifications Typical @25℃, unless otherwise noted, at normal line and load. (3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth. (4)Specified for free-air convection cooling. min. 163 * 47 * 31.6 mm 【6.42 * 1.85 * 1.24 inch】 5 1.575 -40 to +80℃ ◆ Safety: UL ◆ EMC: CE / FCC ◆ Comply with Indoor/Outdoor Waterproof (IP 67) ◆ Dimension(L*W*H): 6.42 * 1.85 * 1.24 inch -20 to +60℃@full load 0.03% / ℃ (0-50℃, typ) 45 W ◆ High Operating ambient Temp: -20℃ ~ +60℃ ◆ Power Factor: >0.95@115VAC >0.9@230VAC 4 LCCE-045 152 ◆ ROHS Compliant UL 60950-1 CE EN55015 / FCC Part15 www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw |
Similar Part No. - LCCE-045X152 |
|
Similar Description - LCCE-045X152 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |