Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCD7NE70S Datasheet(PDF) 5 Page - SemiHow Co.,Ltd.

Part # HCD7NE70S
Description  700V N-Channel Super Junction MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCD7NE70S Datasheet(HTML) 5 Page - SemiHow Co.,Ltd.

  HCD7NE70S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCD7NE70S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCD7NE70S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCD7NE70S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCD7NE70S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCD7NE70S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCD7NE70S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =LL IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
V
DD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
I
D (t)
Time
V
DD
( 0.5 rated V
DS )
10V
V
DS
R
L
DUT
R
G
3mA
V
GS
DUT
V
DS
300nF
200nF
12V
Same Type
as DUT
10V
DUT
R
G
L
I
D


Similar Part No. - HCD7NE70S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD7N70S SEMIHOW-HCD7N70S Datasheet
228Kb / 7P
   Superior Avalanche Rugged Technology
More results

Similar Description - HCD7NE70S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCU7N70S SEMIHOW-HCU7N70S Datasheet
197Kb / 7P
   700V N-Channel Super Junction MOSFET
HCS70R350E SEMIHOW-HCS70R350E Datasheet
645Kb / 7P
   700V N-Channel Super Junction MOSFET
HCU70R600S SEMIHOW-HCU70R600S Datasheet
265Kb / 8P
   700V N-Channel Super Junction MOSFET
HCD70R350E SEMIHOW-HCD70R350E Datasheet
246Kb / 8P
   700V N-Channel Super Junction MOSFET
HCU6N70S SEMIHOW-HCU6N70S Datasheet
199Kb / 7P
   700V N-Channel Super Junction MOSFET
HCD6NC70S SEMIHOW-HCD6NC70S Datasheet
200Kb / 7P
   700V N-Channel Super Junction MOSFET
logo
Shenzhen Foster Semicon...
FIR5NS70ABPG FOSTER-FIR5NS70ABPG Datasheet
1Mb / 6P
   5.0A,700V N-CHANNEL SUPER-JUNCTION MOSFET
FIR5NS70ALG FOSTER-FIR5NS70ALG Datasheet
1Mb / 6P
   5.0A,700V N-CHANNEL SUPER-JUNCTION MOSFET
logo
VBsemi Electronics Co.,...
VBE17R11S VBSEMI-VBE17R11S Datasheet
806Kb / 10P
   N-Channel 700V (D-S) Super Junction Power MOSFET
VBM17R07 VBSEMI-VBM17R07 Datasheet
939Kb / 11P
   N-Channel 700V (D-S) Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com