Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCU7N70S Datasheet(PDF) 7 Page - SemiHow Co.,Ltd.

Part # HCU7N70S
Description  700V N-Channel Super Junction MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCU7N70S Datasheet(HTML) 7 Page - SemiHow Co.,Ltd.

  HCU7N70S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCU7N70S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCU7N70S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCU7N70S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCU7N70S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCU7N70S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCU7N70S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Package Dimension


Similar Part No. - HCU7N70S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCU70R1K4P SEMIHOW-HCU70R1K4P Datasheet
320Kb / 8P
   Superior Avalanche Rugged Technology
HCU70R1K5E SEMIHOW-HCU70R1K5E Datasheet
435Kb / 9P
   Excellent stability and uniformity
HCU70R600S SEMIHOW-HCU70R600S Datasheet
265Kb / 8P
   700V N-Channel Super Junction MOSFET
HCU70R700T SEMIHOW-HCU70R700T Datasheet
386Kb / 9P
   Extremely low switching loss
HCU70R950T SEMIHOW-HCU70R950T Datasheet
396Kb / 9P
   Extremely low switching loss
More results

Similar Description - HCU7N70S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD7NE70S SEMIHOW-HCD7NE70S Datasheet
198Kb / 7P
   700V N-Channel Super Junction MOSFET
HCS70R350E SEMIHOW-HCS70R350E Datasheet
645Kb / 7P
   700V N-Channel Super Junction MOSFET
HCU70R600S SEMIHOW-HCU70R600S Datasheet
265Kb / 8P
   700V N-Channel Super Junction MOSFET
HCD70R350E SEMIHOW-HCD70R350E Datasheet
246Kb / 8P
   700V N-Channel Super Junction MOSFET
HCU6N70S SEMIHOW-HCU6N70S Datasheet
199Kb / 7P
   700V N-Channel Super Junction MOSFET
HCD6NC70S SEMIHOW-HCD6NC70S Datasheet
200Kb / 7P
   700V N-Channel Super Junction MOSFET
logo
Shenzhen Foster Semicon...
FIR5NS70ABPG FOSTER-FIR5NS70ABPG Datasheet
1Mb / 6P
   5.0A,700V N-CHANNEL SUPER-JUNCTION MOSFET
FIR5NS70ALG FOSTER-FIR5NS70ALG Datasheet
1Mb / 6P
   5.0A,700V N-CHANNEL SUPER-JUNCTION MOSFET
logo
VBsemi Electronics Co.,...
VBE17R11S VBSEMI-VBE17R11S Datasheet
806Kb / 10P
   N-Channel 700V (D-S) Super Junction Power MOSFET
VBM17R07 VBSEMI-VBM17R07 Datasheet
939Kb / 11P
   N-Channel 700V (D-S) Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com