Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRS75N75V Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HRS75N75V
Description  70V N-Channel Trench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRS75N75V Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HRS75N75V Datasheet HTML 1Page - SemiHow Co.,Ltd. HRS75N75V Datasheet HTML 2Page - SemiHow Co.,Ltd. HRS75N75V Datasheet HTML 3Page - SemiHow Co.,Ltd. HRS75N75V Datasheet HTML 4Page - SemiHow Co.,Ltd. HRS75N75V Datasheet HTML 5Page - SemiHow Co.,Ltd. HRS75N75V Datasheet HTML 6Page - SemiHow Co.,Ltd. HRS75N75V Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Package Marking and Odering Information
Device Marking
Week Marking
Package
Packing
Quantity
RoHS Status
HRS75N75V
YWWX
TO-220F
Tube
50
Pb Free
HRS75N75V
YWWXg
TO-220F
Tube
50
Halogen Free
Electrical Characteristics T
C=25
C unless otherwise specified
I
S
Continuous Source-Drain Diode Forward Current
--
--
48
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
192
V
SD
Source-Drain Diode Forward Voltage
I
S = 48 A, VGS = 0 V
--
--
1.2
V
trr
Reverse Recovery Time
I
S = 48 A, VGS = 0 V
di
F/dt = 100 A/
(Note 3)
--
80
--
Qrr
Reverse Recovery Charge
--
180
--
nC
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250
2.0
--
4.0
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 24 A
--
6.0
7.5
m
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250
70
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 70 V, VGS = 0 V
--
--
1
V
DS = 56 V, TC = 150
--
--
10
I
GSS
Gate-Body Leakage Current
V
GS =
20 V, V
DS = 0 V
--
--
100
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
4000
5200
C
oss
Output Capacitance
--
350
455
C
rss
Reverse Transfer Capacitance
--
250
325
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 35 V, ID = 40 A,
R
G = 25
(Note 4,5)
--
75
160
t
r
Turn-On Rise Time
--
150
310
t
d(off)
Turn-Off Delay Time
--
150
310
t
f
Turn-Off Fall Time
--
60
130
Q
g
Total Gate Charge
V
DS = 56 V, ID = 40 A,
V
GS = 10 V
(Note 3,4)
--
80
105
nC
Q
gs
Gate-Source Charge
--
20
--
nC
Q
gd
Gate-Drain Charge
--
30
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=450uH, I
AS=48A, VDD=25V, RG=25
, Starting T
J =25 C
3. I
SD
,di/dt
, V
DD
DSS , Starting TJ =25
C
4. Pulse Test : Pulse Width
5. Essentially Independent of Operating Temperature


Similar Part No. - HRS75N75V

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRS75N07V SEMIHOW-HRS75N07V Datasheet
203Kb / 7P
   70V N-Channel Trench MOSFET
December 2014
More results

Similar Description - HRS75N75V

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP75N75V SEMIHOW-HRP75N75V Datasheet
217Kb / 8P
   70V N-Channel Trench MOSFET
HRP75N07V SEMIHOW-HRP75N07V Datasheet
217Kb / 8P
   70V N-Channel Trench MOSFET
HRS75N07V SEMIHOW-HRS75N07V Datasheet
203Kb / 7P
   70V N-Channel Trench MOSFET
December 2014
logo
Thinki Semiconductor Co...
CS48N78 THINKISEMI-CS48N78 Datasheet
759Kb / 5P
   70V,80A N-Channel Trench Process Power MOSFET
CS48N80 THINKISEMI-CS48N80 Datasheet
756Kb / 5P
   70V,87A N-Channel Trench Process Power MOSFET
DK48N18 THINKISEMI-DK48N18 Datasheet
1Mb / 5P
   70V,158A N-Channel Trench Process Power MOSFET
CS48N75 THINKISEMI-CS48N75 Datasheet
1Mb / 5P
   70V,68A N-Channel Trench Process Power MOSFET
DK48N75 THINKISEMI-DK48N75 Datasheet
733Kb / 5P
   70V,68A N-Channel Trench Process Power MOSFET
DK48N78 THINKISEMI-DK48N78 Datasheet
1Mb / 5P
   70V,80A N-Channel Trench Process Power MOSFET
CS48N88 THINKISEMI-CS48N88 Datasheet
763Kb / 5P
   70V,92A N-Channel Trench Process Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com