Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRU13N10K Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HRU13N10K
Description  100V N-Channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRU13N10K Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HRU13N10K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRU13N10K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRU13N10K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRU13N10K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRU13N10K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRU13N10K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRU13N10K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRU13N10K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BV
DSS = 100 V
R
DS(on) typ =85
I
D =3.5 A
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HRD13N10K / HRU13N10K
100V N-Channel Trench MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
100
V
I
D
Drain Current
– Continuous (T
C = 25
)
3.5
A
Drain Current
– Continuous (T
C = 70
)
2.8
A
I
DM
Drain Current
– Pulsed
(Note 1)
14.0
A
V
GS
Gate-Source Voltage
20
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
40
mJ
I
AR
Avalanche Current
(Note 1)
3.5
A
P
D
Power Dissipation (T
A = 25
)*
2.5
W
Power Dissipation (T
C = 25
)
- Derate above 25
37
W
0.3
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
1.Gate 2. Drain 3. Source
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
3.4
/W
R
JA
Junction-to-Ambient*
--
50
R
JA
Junction-to-Ambient
--
110
Dec 2013
2
1
2
3
1
3
D-PAK
I-PAK
HRD13N10K
HRU13N10K
* When mounted on the minimum pad size recommended (PCB Mount)
Originative New Design
Superior Avalanche Rugged Technology
Excellent Switching Characteristics
Unrivalled Gate Charge : 20 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON) : 85
(Typ.) @V
GS=10V
Lower R
DS(ON) : 135
(Typ.) @V
GS=4.5V
Built-in ESD Diode
100% Avalanche Tested


Similar Part No. - HRU13N10K

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
HRU13N10K DOINGTER-HRU13N10K Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - HRU13N10K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP82N10K SEMIHOW-HRP82N10K Datasheet
878Kb / 8P
   100V N-Channel Trench MOSFET
logo
Wuxi Unigroup Microelec...
TMP140N10A WUMC-TMP140N10A Datasheet
912Kb / 7P
   100V N-Channel Trench MOSFET
TMP160N10A WUMC-TMP160N10A Datasheet
912Kb / 7P
   100V N-Channel Trench MOSFET
logo
SemiHow Co.,Ltd.
HRP120N10K SEMIHOW-HRP120N10K Datasheet
1Mb / 8P
   100V N-Channel Trench MOSFET
HRS72N10K SEMIHOW-HRS72N10K Datasheet
1Mb / 7P
   100V N-Channel Trench MOSFET
HRW82N10K SEMIHOW-HRW82N10K Datasheet
884Kb / 6P
   100V N-Channel Trench MOSFET
HRLP120N10H SEMIHOW-HRLP120N10H Datasheet
491Kb / 7P
   100V N-Channel Trench MOSFET
HRP49N10H SEMIHOW-HRP49N10H Datasheet
454Kb / 7P
   100V N-Channel Trench MOSFET
HRP180N10K SEMIHOW-HRP180N10K Datasheet
921Kb / 8P
   100V N-Channel Trench MOSFET
HRP370N10K SEMIHOW-HRP370N10K Datasheet
954Kb / 8P
   100V N-Channel Trench MOSFET
HRS82N10K SEMIHOW-HRS82N10K Datasheet
923Kb / 7P
   100V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com