Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP200224001 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LSP200224001
Description  AC Input 90~264Vac SCP / OVP / OCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LSP200224001 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LSP200224001_14 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LSP200224001_14 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
*
(6)Load regulation measured from 20% to Full load.
(7)Line regulation measured from 100VAC to 240VAC.
(8)Preset accuracy measured at normal load, 120VAC input.
Reference
0.03% / ℃ (0-50℃, typ)
10 to +90%, non-cond.
◆ ROHS Compliant
LSP200224001
1
0.8
min.
nrom.
◆ EMC: CE
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 130.7 * 31.1 * 24.7 mm
◆ Dimension (L*W*H): 5.15 * 1.22 * 0.97 inch
max.
◆ AC Input 90~264Vac
◆ Protection: SCP / OVP / OCP
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Safety: UL / TUV / CB / PSE
18
24
Range:47-63Hz, Normal:50-60Hz
240
80%
19.2 W
(9)100% Production Tested.
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
DIMENSIONS(L*W*H)
INPUT FREQUENCY
TEMP. COEFFICIENT
EMI
OPERATING TEMP.*(4)
RELATIVE HUMIDITY
STORAGE TEMPERATURE
Shut down and latch off o/p voltage , re-power on to recover
Constant Current
OVER V, PROTECTION
*(9)
-20 to +60℃@full load
-40 to +80℃
Module : LSP200224001
FEATURES
PRESET ACCURACY (%) *(8)
CE EN55022
130.7 * 31.1 * 24.7 mm【5.15 * 1.22 * 0.97 inch】
OUTPUT CURRENT(A) *(5)
OVER CURRENT PROTECTION
DC OUTPUT POWER
EFFICIENCY(typ @Full Load)
SHORT CIRCUIT PROTECTION
O/P NOISE (P-P, mV) *(3)
INPUT VOLTAGE RANGE
LOAD REGULATION (%) *(6)
INRUSH CURRENT (typ)
AC CURRENT
SAFETY
UL 1310 / TUV EN61347-2-13 / CB / PSE
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(7)
90-264VAC, 127-373VDC, Normal:100-240VAC
COLD START 50A @ 230VAC
0.6A/100VAC
short circuit protection will restart automatically after the fault condition is removed
Model NO.
Part NO.
LED Power Supply
130.7 * 31.1 * 24.7 mm 【5.15 * 1.22 * 0.97 inch】
LSP200224001
PLSP200224001
Model Name
SIZE
3
3
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Similar Part No. - LSP200224001_14

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LSP200224001-50 LINKCOM-LSP200224001-50 Datasheet
102Kb / 2P
   AC TO DC LED POWER SUPPLY
More results

Similar Description - LSP200224001_14

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LSP200212002 LINKCOM-LSP200212002_14 Datasheet
110Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP600212001 LINKCOM-LSP600212001 Datasheet
111Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP600224001 LINKCOM-LSP600224001 Datasheet
113Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP400212001 LINKCOM-LSP400212001 Datasheet
117Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP200228001 LINKCOM-LSP200228001_14 Datasheet
109Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP400224001 LINKCOM-LSP400224001 Datasheet
119Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP200212001 LINKCOM-LSP200212001_14 Datasheet
109Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
BPHE005C401 LINKCOM-BPHE005C401_14 Datasheet
114Kb / 2P
   AC Input 90~264Vac SCP / OTP / OVP
LCCE-025X801 LINKCOM-LCCE-025X801 Datasheet
112Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-030X112 LINKCOM-LCCE-030X112 Datasheet
111Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com