Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF56 Datasheet(PDF) 2 Page - Bytes

Part # SF56
Description  5.0 AMP SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

SF56 Datasheet(HTML) 2 Page - Bytes

  SF56 Datasheet HTML 1Page - Bytes SF56 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
10
50
RATING AND CHARACTERISTIC CURVES (SF51 THRU SF58)
FIG.4-TYPICAL REVERSE
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT
FIG.6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1
2
3
4
5
6
175
150
125
100
75
50
25
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
Tj=100 C
Tj=25 C
30
0
60
90
120
150
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,( C)
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80 100 120 140
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.4
.6
.8
1.0 1.2 1.4 1.6
1.8
3.0
Tj=25 C


Similar Part No. - SF56

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF56 MOSPEC-SF56 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Shanghai Shunye Electro...
SF56 SHUNYE-SF56 Datasheet
383Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF56 BILIN-SF56 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
logo
Guangdong Juxing Electr...
SF56 JUXING-SF56 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
logo
Micro Commercial Compon...
SF56 MCC-SF56 Datasheet
434Kb / 3P
   5.0 Amp Super Fast Rectifier 50 to 600 Volts
More results

Similar Description - SF56

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ES5A DGNJDZ-ES5A Datasheet
982Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF51 LUGUANG-SF51 Datasheet
185Kb / 2P
   5.0 AMP. Super Fast Rectifiers
logo
UNIOHM CORPORATION
SF51 UNIOHM-SF51 Datasheet
70Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF51 YIXIN-SF51 Datasheet
260Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
SF51 DGNJDZ-SF51 Datasheet
225Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF51 GWSEMI-SF51 Datasheet
71Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF51 FORMOSA-SF51 Datasheet
36Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF51G GWSEMI-SF51G Datasheet
72Kb / 2P
   5.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
SMU51C GWSEMI-SMU51C Datasheet
68Kb / 2P
   5.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMU51B GWSEMI-SMU51B Datasheet
68Kb / 2P
   5.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com