Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-S271KGKT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-S271KGKT
Description  ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S271KGKT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-S271KGKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S271KGKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S271KGKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S271KGKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S271KGKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S271KGKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S271KGKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S271KGKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S271KGKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
S271KGKT
18.0
-
71.0
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
S271KGKT
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
S271KGKT
574
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
S271KGKT
567.5
571
576.5
nm
Note 3
Spectral Line Half-Width
Δλ
S271KGKT
15
nm
Forward Voltage
VF
S271KGKT
2.0
2.4
V
IF = 20mA
Reverse Current
IR
S271KGKT
10
μA
VR = 5V
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
Part
No. : LTST-S271KGKT
Page :
4
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S271KGKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S271KGKT LITEON-LTST-S271KGKT_14 Datasheet
811Kb / 13P
   SMD LED
More results

Similar Description - LTST-S271KGKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KGKT LITEON-LTST-S270KGKT_14 Datasheet
404Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KFKT LITEON-LTST-S270KFKT_14 Datasheet
402Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KFKT LITEON-LTST-S271KFKT Datasheet
421Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KRWT LITEON-LTST-S271KRWT Datasheet
534Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KSKT LITEON-LTST-S271KSKT Datasheet
709Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KFKT LITEON-LTST-S221KFKT Datasheet
302Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KGKT LITEON-LTST-S221KGKT Datasheet
424Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KEKT LITEON-LTST-S270KEKT Datasheet
643Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KSKT LITEON-LTST-S270KSKT_14 Datasheet
401Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com