Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTS4A60H Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTS4A60H
Description  3 Quadrants Standard TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTS4A60H Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTS4A60H Datasheet HTML 1Page - SemiHow Co.,Ltd. HTS4A60H Datasheet HTML 2Page - SemiHow Co.,Ltd. HTS4A60H Datasheet HTML 3Page - SemiHow Co.,Ltd. HTS4A60H Datasheet HTML 4Page - SemiHow Co.,Ltd. HTS4A60H Datasheet HTML 5Page - SemiHow Co.,Ltd. HTS4A60H Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
◎ SEMIHOW REV.A1,March 2013
HTS4A60H/HTS4A80H
3 Quadrants Standard TRIAC
Absolute Maximum Ratings
(T
J=25℃ unless otherwise specified )
V
DRM = 600V/800V
I
T(RMS) = 4 A
I
TSM = 42 A
I
GT = 25mA
T2
T1
G
TO-220F
Symbol
FEATURES
 Repetitive Peak Off-State Voltage : 600V/800V
 R.M.S On–State Current (I
T(RMS) = 4A)
 Gate Trigger Current : 25mA
 High commutation capability.
Applications
General purpose of AC switching, heating control, motor control,
Humidifier, etc
General Description
Semihow’s standard TRIAC product is a glass passivated device,
has a high commutative performance, stable gate triggering level to
temperature and high off state voltage. It is generally suitable for
power and phase control in ac application
Symbol
Parameter
Conditions
Ratings
Unit
HTS4A60H
HTS4A80H
V
DRM
Repetitive Peak Off-State Voltage
Sine wave, 50/60Hz, Gate open
600
800
V
V
RRM
Repetitive Peak Reverse Voltage
600
800
V
I
T(AV)
Average On-State Current
Full sine wave, T
C = 102
oC
3.6
A
I
T(RMS)
R.M.S. On-State Current
4
A
I
TSM
Surge On-State Current
½ cycle, 50Hz/60Hz, Sine wave,
Non repetitive
40/42
A
I2t
Fusing Current
t = 10ms
8.8
A2S
P
GM
Forward Peak Gate Power
Dissipation
T
J = 125 °C
5
W
P
G(AV)
Forward Average Gate Power
Dissipation
T
J = 125 °C, over any 20ms
0.5
W
I
FGM
Forward Peak Gate Current
T
J = 125 °C, pulse width ≤ 20us
2
A
V
RGM
Reverse Peak Gate Voltage
T
J = 125 °C, pulse width ≤ 20us
5
V
T
J
Operating Junction Temperature
-40~+150
oC
T
STG
Storage Temperature
-40~+150
oC


Similar Part No. - HTS4A60H

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTS4A80A SEMIHOW-HTS4A80A Datasheet
374Kb / 5P
   3 Quadrants Standard TRIAC
HTS4A80AS SEMIHOW-HTS4A80AS Datasheet
182Kb / 4P
   3 Quadrants 4A TRIAC
More results

Similar Description - HTS4A60H

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTP8A60H SEMIHOW-HTP8A60H Datasheet
400Kb / 6P
   3 Quadrants Standard TRIAC
HTS8A80H SEMIHOW-HTS8A80H Datasheet
388Kb / 5P
   3 Quadrants Standard TRIAC
HTS16A80H SEMIHOW-HTS16A80H Datasheet
396Kb / 5P
   3 Quadrants Standard TRIAC
HTP6A60H SEMIHOW-HTP6A60H Datasheet
390Kb / 6P
   3 Quadrants Standard TRIAC
HTP16A80H SEMIHOW-HTP16A80H Datasheet
409Kb / 6P
   3 Quadrants Standard TRIAC
HTS6A60H SEMIHOW-HTS6A60H Datasheet
377Kb / 5P
   3 Quadrants Standard TRIAC
HTC4A60H SEMIHOW-HTC4A60H Datasheet
540Kb / 6P
   3 Quadrants Standard TRIAC
HTP12A80H SEMIHOW-HTP12A80H Datasheet
407Kb / 6P
   3 Quadrants Standard TRIAC
HTS12A80H SEMIHOW-HTS12A80H Datasheet
394Kb / 5P
   3 Quadrants Standard TRIAC
HTP4A60H SEMIHOW-HTP4A60H Datasheet
372Kb / 6P
   3 Quadrants Standard TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com