Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPWR330 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CMPWR330
Description  400mA SMARTOR Dual Regulator with V switch?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR330 Datasheet(HTML) 7 Page - California Micro Devices Corp

  CMPWR330 Datasheet HTML 1Page - California Micro Devices Corp CMPWR330 Datasheet HTML 2Page - California Micro Devices Corp CMPWR330 Datasheet HTML 3Page - California Micro Devices Corp CMPWR330 Datasheet HTML 4Page - California Micro Devices Corp CMPWR330 Datasheet HTML 5Page - California Micro Devices Corp CMPWR330 Datasheet HTML 6Page - California Micro Devices Corp CMPWR330 Datasheet HTML 7Page - California Micro Devices Corp CMPWR330 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CALIFORNIA MICRO DEVICES
3/6/2001
7
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR330
©2001 California Micro Devices Corp. All rights reserved. Smart OR™ is a trademark of California Micro Devices.
Typical Transient Characteristics (V
CC source resistance set to 0.2Ω)
Figure 17. V
CC Power Up (VSBY = 5V, Load = 300mA)
Figure 18. V
CC Power Down (VSBY = 5V, Load = 300mA)
Figure 19. V
CC Power Up (VAUX = 3.3V, Load = 300mA)
Figure 20. V
CC Power Down (VAUX = 3.3V, Load = 300mA)
Figure 21. LoadTransient Response (10% - 90% Rated)
Figure 22. Line Transient (1V
pp) Response
4.46V
VCC (offset = 4.5V)
VSBY (offset = 5V)
VOUT (offset = 3.3V)
M 20µs
100mV
Ch1
100mV
3
1
Ch3
100mV
Tek Run: 2.5MS/s Sample
Ch2
4.32V
VCC (offset = 4.5V)
VSBY (offset = 5V)
VOUT (offset = 3.3V)
M 20µs
100mV
Ch1
100mV
Ch3
3
1
100mV
Tek Run: 2.5MS/s Sample
Ch2
4.44V
VCC (offset = 4.5V)
VOUT (offset = 3.3V)
M 20µs
100mV
Ch1
1
100mV
Tek Run: 2.5MS/s Sample
Ch2
4.31V
VCC (offset = 4.5V)
VOUT (offset = 3.3V)
M 20µs
100mV
Ch1
2
100mV
Tek Run: 2.5MS/s Sample
Ch2
3.50V
Load
360mA
40mA
VOUT (offset = 3.3V)
M 5µs
50mV
Ch1
1
2V
10MS/s
Tek
2 Acqs
Ch3
5V
VCC
VOUT (offset = 3.3V)
M 100µs
20mV
Ch2
2
500mV
Tek Run: 500kS/s Sample
Ch2
4.5V
5.5V
(5mA Load)


Similar Part No. - CMPWR330

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
   400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
CMPWR330SF ONSEMI-CMPWR330SF Datasheet
162Kb / 13P
   400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
More results

Similar Description - CMPWR330

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
   400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
   400mA SMARTOR REGULATOR Vaux SWITCH
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
   500mA SMARTOR Dual Regulator with V switch?
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
   250mA SMARTOR Regulator with V switch
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
   300mA SMARTOR Regulator with V Drive
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
   1.5A SMARTOR Dual Regulator with Vaux Drive
logo
ON Semiconductor
CMPWR280 ONSEMI-CMPWR280 Datasheet
514Kb / 11P
   Dual Input SmartOR POWER Switch
April, 2011 ??Rev. 3
logo
California Micro Device...
CMPWR025 CALMIRCO-CMPWR025 Datasheet
90Kb / 7P
   Dual Input SmartOR Power Switch
logo
ELM Technology Corporat...
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
logo
Linear Technology
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com