Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-020P001 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTP-020P001
Description  THERMO-SENSITIVE PAPER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-020P001 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTP-020P001 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-020P001 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-020P001 Datasheet HTML 3Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

FTP-020P / 030P / 040P Series
FTP-020P / 030P / 040P Series
n
FEATURES
• Brings our features of thermal printer to the optimum
• Paper supply in small quantities is available
n
SToRAgE chARAcTERiSTicS
• Black density in white part is 0.2 or less. Recording part (black density: .3)
is . or more.
• Testing conditions:
-Lightresistance:1000hoursunder5000LUXoffluorescentlight
-Moistureresistance:+40˚C,90%RH.24hours
-Heatresistance:+50˚C,24hours
n
PREcAUTionS
• Avoid locations of high temperature and high humidity
• Do not expose paper to direct sun light for an extended period
• Do not use solvent paster
• Do not contact plasticizer
• Do not contact diazo copy paper immediately after copying
• Protect from wetting and scratching
ThERMo-SEnSiTiVE PAPER


Similar Part No. - FTP-020P001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FTP-1000 ETC-FTP-1000 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
Contec Co., Ltd
FTP-15 CONTEC-FTP-15 Datasheet
94Kb / 1P
   Terminal Accessory for Analog Board E Series/ M3 Screw Lock
logo
List of Unclassifed Man...
FTP-1500 ETC-FTP-1500 Datasheet
13Mb / 28P
   Digital Fiber Sensor
FTP-500 ETC-FTP-500 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
Fujitsu Component Limit...
FTP-621CU102 FUJITSU-FTP-621CU102 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
More results

Similar Description - FTP-020P001

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
   Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
   Mini Thermo-Anemometer Series
logo
List of Unclassifed Man...
MI1064 ETC2-MI1064 Datasheet
46Kb / 2P
   Thermo-electric Coolers
logo
Extech Instruments Corp...
EZ30 EXTECH-EZ30 Datasheet
225Kb / 6P
   EzFlex Thermo-Anemometer
45160 EXTECH-45160 Datasheet
186Kb / 1P
   Pocket Hygro-Thermo-Anemometer
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
   CFM/CMM Thermo Anemometer
logo
Jingjing Microelectroni...
EG4001 EGMICRO-EG4001 Datasheet
796Kb / 13P
   Infrared thermo-electrodynamIc chip
logo
Extech Instruments Corp...
407123 EXTECH-407123 Datasheet
99Kb / 8P
   Hot Wire Thermo-Anemometer
logo
List of Unclassifed Man...
A111 ETC1-A111 Datasheet
259Kb / 2P
   Thermo Scientific Orion Star
logo
Extech Instruments Corp...
45118 EXTECH-45118 Datasheet
63Kb / 1P
   Mini Thermo-Anemometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com