Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP337EBET-L Datasheet(PDF) 5 Page - Exar Corporation

Part # SP337EBET-L
Description  3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP337EBET-L Datasheet(HTML) 5 Page - Exar Corporation

  SP337EBET-L Datasheet HTML 1Page - Exar Corporation SP337EBET-L Datasheet HTML 2Page - Exar Corporation SP337EBET-L Datasheet HTML 3Page - Exar Corporation SP337EBET-L Datasheet HTML 4Page - Exar Corporation SP337EBET-L Datasheet HTML 5Page - Exar Corporation SP337EBET-L Datasheet HTML 6Page - Exar Corporation SP337EBET-L Datasheet HTML 7Page - Exar Corporation SP337EBET-L Datasheet HTML 8Page - Exar Corporation SP337EBET-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections to the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability and cause permanent
damage to the device.
Supply Voltage VCC
+6.0V
Receiver Input VIN (DC Input Voltage)
-16V to +16V
Input Voltage at TTL input Pins
-0.3V to Vcc + 0.5V
Driver Output Voltage (from Ground)
-7.5V to +12.5V
Short Circuit Duration, TXout to GND
Continuous
Storage Temperature Range
-65°C to + 150°C
Lead Temperature (soldering, 10s)
+300°C
Power Dissipation 28-pin SOIC-W
(derate 17mW/°C above +70°C)
938mW
Power Dissipation 28-pin TSSOP
(derate 12mW/°C above +70°C)
657mW
SP337E
5
REV. 1.0.2
3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
CAUTION:
ESD (Electrostatic Discharge) sensitive device. Permanent damage may occur on unconnected devices subject to high energy electrostatic fields. Unused
devices must be stored in conductive foam or shunts. Personnel should be properly grounded prior to handling this device. The protective foam should be
discharged to the destination socket before devices are removed.
ELECTRICAL CHARACTERISTICS
UNLESS OTHERWISE NOTED: VCC = +3.3V +/-5% OR +5.0V +/-5%, C1-C4 = 0.1
μF; TA = TMIN TO TMAX.
TYPICAL VALUES ARE AT VCC = 3.3V, TA = +25OC.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DC CHARACTERISTICS
ICC
Supply Current (RS-232)
1.5
6.0
mA
No Load, RS232/RS485 = 0V
ICC
Supply Current (RS-485)
7.0
15
mA
No Load, RS232/RS485 = Vcc
ICC
Vcc Shutdown Current
(SP337EU only)
1.0
10.0
μA
TXEN = 0V, RXEN = Vcc
(SP337EU only)
TRANSMITTER and LOGIC INPUT PINS: Pins 1, 2, 25, 26, 27, 28
VIH
Logic Input Voltage HIGH
2.0
V
Vcc = 3.3V
VIH
Logic Input Voltage HIGH
2.4
V
Vcc = 5.0V
VIL
Logic Input Voltage LOW
0.8
V
IIL
Logic Input Leakage Current
1.0
μA
Input High (Vin = Vcc)
IPU
Logic Input Pull-up Current
15.0
μA
Input Low (Vin = 0V)
VHYS
Logic Input Hysteresis
0.5
V
RS-232 and RS-485/422 RECEIVER OUTPUTS: Pins 19, 20, 21, 22, 23
VOH
Receiver Output Voltage HIGH
Vcc-0.6
V
IOUT = 1.0mA
VOL
Receiver Output Voltage LOW
0.4
V
IOUT = -3.2mA


Similar Part No. - SP337EBET-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
More results

Similar Description - SP337EBET-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EEY-L EXAR-SP337EEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336E EXAR-SP336E Datasheet
1Mb / 30P
   3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com