Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2815AT-2-5 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2815AT-2-5
Description  1.5A Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815AT-2-5 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2815AT-2-5 Datasheet HTML 1Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 2Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 3Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 4Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 5Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 6Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 7Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 8Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: 6/21/06 Rev C
SPX2815 1.5A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Line Regulation for SPX2815U-3.3; I
OUT=10mA
3.300
3.305
3.310
3.315
3.320
3.325
4.5
6.5
8.5
10.5
12.5
14.5
Vin (V)
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
1.25v Adj
Figure 2. V
OUT vs Temperature, VIN=2.5V, IOUT=10mA
Figure 3. V
IN=4.0V, IOUT=10mA
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
2.5v Adj
2.5v Fixed
Figure 4. V
IN=5.0V, IOUT=10mA
3.26
3.28
3.3
3.32
3.34
3.36
3.38
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
3.3v Adj
3.3v Fixed
Output Capacitor
To ensure the stability of the SPX2815, an
output capacitor of at least 10
μF (ceramic or
tantalum) or 22
μF (aluminum) is required. The
value may change based on the application
requirements of the output load or temperature
range. The value of Equivalent Series Resis-
tance (ESR) can vary based on the type of
capacitor used in the applications to guarantee
stability. The recommended value for ESR is
0.5
Ω or less. A larger value of output capaci-
tance (up to 100
μF) can improve the load tran-
sient response.
Soldering Methods
The SPX2815 die is attached to the heatsink lead
which exits opposite the input, output, and ground
pins.
Thermal Characteristics
The SPX2815 features internal thermal limiting
to protect the device during overload condi-
tions. Special care needs to be taken during
continuous load conditions such that the maxi-
mum junction temperature does not exceed
125
°C. Thermal protection is activated at >179°C
and deactiviated at <165
°C.
The thermal interaction from other components
in the application can affect the thermal resis-
tance of the SPX2815.
The actual thermal
resistance can be determined with experimenta-
tion.
SPX2815 power dissipation is calculated as
follows:
P
D = (VIN - VOUT)(IOUT)
Maximum Junction Temperature range:
T
J = TA(max) + PD* θJA (thermal resistance,
junction-to-ambient)
Maximum junction temperature must not ex-
ceed 125
°C.
APPLICATION INFORMATION


Similar Part No. - SPX2815AT-2-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815AT-2-5 SIPEX-SPX2815AT-2-5 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AT-2-5/TR SIPEX-SPX2815AT-2-5/TR Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX2815AT-2-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com