Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K20 Datasheet(PDF) 41 Page - Altera Corporation

Part # EPF10K20
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K20 Datasheet(HTML) 41 Page - Altera Corporation

Back Button EPF10K20 Datasheet HTML 37Page - Altera Corporation EPF10K20 Datasheet HTML 38Page - Altera Corporation EPF10K20 Datasheet HTML 39Page - Altera Corporation EPF10K20 Datasheet HTML 40Page - Altera Corporation EPF10K20 Datasheet HTML 41Page - Altera Corporation EPF10K20 Datasheet HTML 42Page - Altera Corporation EPF10K20 Datasheet HTML 43Page - Altera Corporation EPF10K20 Datasheet HTML 44Page - Altera Corporation EPF10K20 Datasheet HTML 45Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
Altera Corporation
41
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
The instruction register length of FLEX 10K devices is 10 bits. The
USERCODE register length in FLEX 10K devices is 32 bits; 7 bits are
determined by the user, and 25 bits are predetermined. Tables 14 and 15
show the boundary-scan register length and device IDCODE information
for FLEX 10K devices.
Table 13. FLEX 10K JTAG Instructions
JTAG Instruction
Description
SAMPLE/PRELOAD
Allows a snapshot of signals at the device pins to be captured and examined during
normal device operation, and permits an initial data pattern output at the device pins.
EXTEST
Allows the external circuitry and board-level interconnections to be tested by forcing a
test pattern at the output pins and capturing test results at the input pins.
BYPASS
Places the 1-bit bypass register between the TDI and TDO pins, which allows the BST
data to pass synchronously through a selected device to adjacent devices during normal
device operation.
USERCODE
Selects the user electronic signature (USERCODE) register and places it between the
TDI
and TDO pins, allowing the USERCODE to be serially shifted out of TDO.
IDCODE
Selects the IDCODE register and places it between TDI and TDO, allowing the IDCODE
to be serially shifted out of TDO.
ICR Instructions
These instructions are used when configuring a FLEX 10K device via JTAG ports with a
BitBlaster, or ByteBlasterMV or MasterBlaster download cable, or using a Jam File
(.jam) or Jam Byte-Code File (.jbc) via an embedded processor.
Table 14. FLEX 10K Boundary-Scan Register Length
Device
Boundary-Scan
Register Length
EPF10K10, EPF10K10A
480
EPF10K20
624
EPF10K30, EPF10K30A
768
EPF10K40
864
EPF10K50, EPF10K50V
960
EPF10K70
1,104
EPF10K100, EPF10K100A
1,248
EPF10K130V
1,440
EPF10K250A
1,440


Similar Part No. - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com