Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K20 Datasheet(PDF) 54 Page - Altera Corporation

Part # EPF10K20
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K20 Datasheet(HTML) 54 Page - Altera Corporation

Back Button EPF10K20 Datasheet HTML 50Page - Altera Corporation EPF10K20 Datasheet HTML 51Page - Altera Corporation EPF10K20 Datasheet HTML 52Page - Altera Corporation EPF10K20 Datasheet HTML 53Page - Altera Corporation EPF10K20 Datasheet HTML 54Page - Altera Corporation EPF10K20 Datasheet HTML 55Page - Altera Corporation EPF10K20 Datasheet HTML 56Page - Altera Corporation EPF10K20 Datasheet HTML 57Page - Altera Corporation EPF10K20 Datasheet HTML 58Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 128 page
background image
54
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Figure 22 shows the typical output drive characteristics of EPF10K10A,
EPF10K30A, EPF10K100A, and EPF10K250A devices with 3.3-V and 2.5-V
VCCIO. The output driver is compliant with the 3.3-V PCI Local Bus
Specification
, Revision 2.2 (with 3.3-V VCCIO). Moreover, device analysis
shows that the EPF10K10A, EPF10K30A, and EPF 10K100A devices can
drive a 5.0-V PCI bus with eight or fewer loads.
Figure 22. Output Drive Characteristics for EPF10K10A, EPF10K30A & EPF10K100A Devices
Figure 23 shows the typical output drive characteristics of the
EPF10K250A device with 3.3-V and 2.5-V VCCIO.
VO Output Voltage (V)
1234
IOH
VO Output Voltage (V)
1234
10
20
30
50
60
40
10
20
30
50
60
40
IOL
IOH
V
V
VCCINT = 3.3
VCCIO = 3.3
Room Temperature
VCCINT = 3.3 V
VCCIO = 2.5 V
Room Temperature
IOL
Typical IO
Output
Current (mA)
Typical IO
Output
Current (mA)


Similar Part No. - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com