Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K100A Datasheet(PDF) 82 Page - Altera Corporation

Part # EPF10K100A
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K100A Datasheet(HTML) 82 Page - Altera Corporation

Back Button EPF10K100A Datasheet HTML 78Page - Altera Corporation EPF10K100A Datasheet HTML 79Page - Altera Corporation EPF10K100A Datasheet HTML 80Page - Altera Corporation EPF10K100A Datasheet HTML 81Page - Altera Corporation EPF10K100A Datasheet HTML 82Page - Altera Corporation EPF10K100A Datasheet HTML 83Page - Altera Corporation EPF10K100A Datasheet HTML 84Page - Altera Corporation EPF10K100A Datasheet HTML 85Page - Altera Corporation EPF10K100A Datasheet HTML 86Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
82
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 61. EPF10K70 Device Interconnect Timing Microparameters
Note (1)
Symbol
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tDIN2IOE
6.6
7.3
8.8
ns
tDIN2LE
4.2
4.8
6.0
ns
tDIN2DATA
6.5
7.1
10.8
ns
tDCLK2IOE
5.5
6.2
7.7
ns
tDCLK2LE
4.2
4.8
6.0
ns
tSAMELAB
0.4
0.4
0.5
ns
tSAMEROW
4.8
4.9
5.5
ns
tSAMECOLUMN
3.3
3.4
3.7
ns
tDIFFROW
8.1
8.3
9.2
ns
tTWOROWS
12.9
13.2
14.7
ns
tLEPERIPH
5.5
5.7
6.5
ns
tLABCARRY
0.8
0.9
1.1
ns
tLABCASC
2.7
3.0
3.2
ns
Table 62. EPF10K70 Device External Timing Parameters
Note (1)
Symbol
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tDRR
17.2
19.1
24.2
ns
tINSU (2), (3)
6.6
7.3
8.0
ns
tINH (3)
0.0
0.0
0.0
ns
tOUTCO (3)
2.0
9.9
2.0
11.1
2.0
14.3
ns
Table 63. EPF10K70 Device External Bidirectional Timing Parameters
Note (1)
Symbol
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSUBIDIR
7.4
8.1
10.4
ns
tINHBIDIR
0.0
0.0
0.0
ns
tOUTCOBIDIR
2.0
9.9
2.0
11.1
2.0
14.3
ns
tXZBIDIR
13.7
15.4
18.5
ns
tZXBIDIR
13.7
15.4
18.5
ns


Similar Part No. - EPF10K100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com