Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERT-J1VS104FA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERT-J1VS104FA
Description  The NTC Thermistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERT-J1VS104FA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERT-J1VS104FA Datasheet HTML 1Page - Panasonic Semiconductor ERT-J1VS104FA Datasheet HTML 2Page - Panasonic Semiconductor ERT-J1VS104FA Datasheet HTML 3Page - Panasonic Semiconductor ERT-J1VS104FA Datasheet HTML 4Page - Panasonic Semiconductor ERT-J1VS104FA Datasheet HTML 5Page - Panasonic Semiconductor ERT-J1VS104FA Datasheet HTML 6Page - Panasonic Semiconductor ERT-J1VS104FA Datasheet HTML 7Page - Panasonic Semiconductor ERT-J1VS104FA Datasheet HTML 8Page - Panasonic Semiconductor ERT-J1VS104FA Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NTC Thermistors
T (˚C)
0
–20
–40
20
40
60
80
100 120 140
1000
100
10
1
0.1
0.01
0.001
5000
6000
4000
3000
2000
B=1000
T (˚C)
2.4
1
2.9
3.4
3.9
4.4
125
85
50
25
0
–20
–40
10000000
1000000
100000
10000
10
1000
100
B25
/50
=4
250
B25
/50
=4
250
B25/
85=
343
5
B25/
85=
343
5
B25
/50
=4
050
B 25/
50
=4
70
0
B 25/
50
=4
70
0
B25/5
0=
280
0
B25/5
0=
280
0
B25
/50
=4
50
0
B25
/50
=45
00
T
1
( 10 –3K–1)
B25
/50
=4
050
The NTC Thermistors
This is a Negative Temperature Coefficient Resistor whose resistance changes as ambient temperature changes. Therm-
istor comprises 2 or 4 kinds of metal oxides of iron, nickel, cobalt, manganese and copper, being shaped and sintered
at high temperature (1200 to 1500 °C)
Recommended Applications
● For temperature measurement or temperature detection :
thermometer, temperature controller
● For temperature compensation : transistor circuit,
measuring instruments
Features
● Temperature Coefficient of Resistance is negative and
extremely large
● Various kinds of types especially smaller ones are
available.
● Resistance values are available from 22 Ω to 470 kΩ
Fig. 1
Fig. 2
Physical Characteristics of NTC Thermistors
Thermistor is a resistor sensitive to temperature utilizing
the large temperature-coefficient of metal oxide semi-
conductor. And its temperature dependency of resistance
value is indicated by the following equation:
R=R0 exp
B
.................................... (1)
T0: Standard Temperature 298.15 K(25 °C)
R0: Resistance at T0 K
B: Thermistor Constant (K)
So called Temperature Coefficient (
a) is generally
indicated as follows:
a=
.................................................................... (2)
But
a is not adequate for use as a constant, because a
change by temperature is considerably large, so B Value
is used as a coefficient of thermistor.
1
T
1
T0
(
)
[
]
B
T
2
Major Characteristics of NTC Thermistors
The relation between resistance and temperature of a
thermistor is linear as shown in Fig. 2, in which resistance
is shown in vertical direction in a logarithmic scale and
reciprocal of absolute temperature in horizontal direction.
Bias degrees in these straight lines are determined according
to the B Value expressed by the following equation.
B =
.................................................. (3)
R1: Resistance at T1 K
R2: Resistance at T2 K
When calculated from this equation, B Value is a variable
in a strict sense, and the resistance is expressed by the
following equation:
R = AT
–C exp D/T........................................................ (4)
In (4), C is a small positive or negative constant and quite
negligible except use in precision temperature-measuring
device, thereby the B Value is, in practical usage, to be
considered as a constant. In Fig. 1,
the relation between the resistance ratio RT/R25
(R25: Resistance at 25 °C, RT: Resistance at T °C) and B Value is
shown with T °C, in the horizontal direction.
1
T1
1
T2
knR1 – knR2
Sep. 2010
00
2


Similar Part No. - ERT-J1VS104FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-J1VA220J PANASONIC-ERT-J1VA220J Datasheet
306Kb / 14P
   The NTC Thermistors
ERT-J1VG103FA PANASONIC-ERT-J1VG103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VG103JA PANASONIC-ERT-J1VG103JA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VP473H PANASONIC-ERT-J1VP473H Datasheet
306Kb / 14P
   NTC Thermistors
ERT-J1VR103J PANASONIC-ERT-J1VR103J Datasheet
306Kb / 14P
   NTC Thermistors
More results

Similar Description - ERT-J1VS104FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-J1VA220J PANASONIC-ERT-J1VA220J Datasheet
306Kb / 14P
   The NTC Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com