Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100R15X106KT4E Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 100R15X106KT4E
Description  Tanceram짰 Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

100R15X106KT4E Datasheet(HTML) 1 Page - Johanson Technology Inc.

  100R15X106KT4E Datasheet HTML 1Page - Johanson Technology Inc. 100R15X106KT4E Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
www.johanson dielectrics.com
tanceram® cHIP caPacItors
TANCERAM® chip capacitors can replace tantalum capacitors
in many applications and offer several key advantages over
traditional tantalums. Because TANCERAM® capacitors exhibit
extremely low ESR, equivalent circuit performance can often be
achieved using considerably lower capacitance values. Low
DC leakage reduces current drain, extending the battery life of
portable products. TANCERAM® high DC breakdown voltage
ratings offer improved reliability and eliminate large voltage
de-rating common when designing with tantalums.
adVantageS
• Low ESR
• Low DC Leakage
• Higher Surge Voltage
• Non-polarized Devices
• Reduced CHIP Size
• Improved Reliability
• Higher Insulation Resistance • Higher Ripple Current
applicationS
• Switching Power Supply Smoothing (Input/Output)
• Backlighting Inverters
• DC/DC Converter Smoothing (Input/Output)
• General Digital Circuits
How to order tanceram®
Part number written: 100R15X106MV4E
100
R15
X
106
M
V
4
E
VOLTAGE
SIZE
DIELECTRIC
CAPACITANCE
TOLERANCE
TERMINATION
MARKING
PACKING
6R3 = 6.3 V
100 = 10 V
160 = 16 V
250 = 25 V
500 = 50 V
101 = 100 V
See Chart
W = X7R
X = X5R
1st two digits are
significant; third digit
denotes number of
zeros.
105 = 1.00 µF
476 = 47.0 µF
107 = 100 µF
K = ±10%
M = ±20%
V = Nickel Barrier
with 100% Tin
Plating (Matte)
T = SnPb*
(*available on
select parts)
4 = Unmarked
Code
Type Reel
E
Plastic 7”
T
Paper
7”
Tape specifications
conform to EIA
RS481


Similar Part No. - 100R15X106KT4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100R15X106KV4E JOHANSON-100R15X106KV4E Datasheet
129Kb / 2P
   Switching Power Supply Smoothing (Input/Output)
More results

Similar Description - 100R15X106KT4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
250S41X106KV4E JOHANSON-250S41X106KV4E Datasheet
129Kb / 2P
   Tanceram짰 Chip Capacitors
logo
List of Unclassifed Man...
6R3R07X225MV4T ETC2-6R3R07X225MV4T Datasheet
126Kb / 2P
   TANCERAM짰 CHIP CAPACITORS
250R18Y105ZV4E ETC2-250R18Y105ZV4E Datasheet
89Kb / 2P
   Tanceram짰 Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
B45294R9227M409 EPCOS-B45294R9227M409 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Kemet Corporation
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
logo
EPCOS
B45194 EPCOS-B45194 Datasheet
114Kb / 8P
   Tantalum Chip Capacitors
B45196E EPCOS-B45196E Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
logo
Rohm
TCO ROHM-TCO Datasheet
106Kb / 10P
   Chip tantalum capacitors
logo
Kemet Corporation
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com