Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PH28UD1MPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRG7PH28UD1MPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH28UD1MPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG7PH28UD1MPBF Datasheet HTML 1Page - International Rectifier IRG7PH28UD1MPBF Datasheet HTML 2Page - International Rectifier IRG7PH28UD1MPBF Datasheet HTML 3Page - International Rectifier IRG7PH28UD1MPBF Datasheet HTML 4Page - International Rectifier IRG7PH28UD1MPBF Datasheet HTML 5Page - International Rectifier IRG7PH28UD1MPBF Datasheet HTML 6Page - International Rectifier IRG7PH28UD1MPBF Datasheet HTML 7Page - International Rectifier IRG7PH28UD1MPBF Datasheet HTML 8Page - International Rectifier IRG7PH28UD1MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
 
IRG7PH28UD1PbF/IRG7PH28UD1MPbF
5
www.irf.com
© 2012 International Rectifier
January 8, 2013
0
5
10
15
20
25
30
IC (A)
10
100
1000
tdOFF
tF
0
20
40
60
80
100
RG ()
10
100
1000
tdOFF
tF
Fig. 14
- Typ. Switching Time vs. IC
TJ = 150°C; L = 1.0mH; VCE = 600V, RG = 22; VGE = 15V
0
5
10
15
20
25
30
IC (A)
0
400
800
1200
1600
2000
EOFF
0
2040
6080
100
Rg ()
800
1000
1200
1400
1600
1800
EOFF
Fig. 15
- Typ. Energy Loss vs. RG
TJ =
Fig. 13
- Typ. Energy Loss vs. IC
TJ = 150°C; L = 1.0mH; VCE = 600V, RG = 22; VGE = 15V
Fig. 16
- Typ. Switching Time vs. RG
TJ = 150°C; L = 1.0mH; VCE = 600V, ICE = 15A; VGE = 15V
0
100
200
300
400
500
600
VCE(V)
1
10
100
1000
10000
Cies
Coes
Cres
Fig. 17
- Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
0
102030
40
506070
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES= 600V
VCES= 400V
Fig. 18
- Typical Gate Charge vs. VGE
ICE = 15A


Similar Part No. - IRG7PH28UD1MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF Datasheet
398Kb / 10P
   Low switching losses
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF_15 Datasheet
398Kb / 10P
   Low switching losses
More results

Similar Description - IRG7PH28UD1MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF Datasheet
295Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRGI4060DPBF IRF-IRGI4060DPBF Datasheet
319Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGI4045DPBF IRF-IRGI4045DPBF Datasheet
327Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGP4078DPBF IRF-IRGP4078DPBF Datasheet
828Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF Datasheet
406Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF Datasheet
429Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGR2B60KDPBF IRF-IRGR2B60KDPBF Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF_15 Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com